Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G885DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G885DC
Description  Low-power dual function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G885DC Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G885DC Datasheet HTML 1Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 2Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 3Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 4Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 5Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 6Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 7Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 8Page - NXP Semiconductors 74AUP1G885DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1G885_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 26 January 2006
3 of 19
Philips Semiconductors
74AUP1G885
Low-power dual function gate
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G885DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AUP1G885GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
Table 3:
Marking
Type number
Marking code
74AUP1G885DC
pS8
74AUP1G885GT
pS8
Fig 1.
Logic diagram
001aae353
A
2Y
1Y
3
7
B
C
1
2
6


Similar Part No. - 74AUP1G885DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G885DC NXP-74AUP1G885DC Datasheet
105Kb / 19P
   Low-power dual function gate
Rev. 05-26 June 2009
logo
Nexperia B.V. All right...
74AUP1G885DC NEXPERIA-74AUP1G885DC Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
More results

Similar Description - 74AUP1G885DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G885 NXP-74AUP1G885 Datasheet
105Kb / 19P
   Low-power dual function gate
Rev. 05-26 June 2009
logo
Nexperia B.V. All right...
74AUP1G885 NEXPERIA-74AUP1G885 Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP2G57 NEXPERIA-74AUP2G57 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G57-Q100 NEXPERIA-74AUP2G57-Q100 Datasheet
252Kb / 15P
   Low-power dual PCB configurable multiple function gate
Rev. 1 - 8 November 2021
74AUP2G97 NEXPERIA-74AUP2G97 Datasheet
259Kb / 16P
   Low-power dual PCB configurable multiple function gate
74AUP2G58 NEXPERIA-74AUP2G58 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G98 NEXPERIA-74AUP2G98 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com