Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M56750FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. M56750FP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56750FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M56750FP Datasheet HTML 1Page - Renesas Technology Corp M56750FP Datasheet HTML 2Page - Renesas Technology Corp M56750FP Datasheet HTML 3Page - Renesas Technology Corp M56750FP Datasheet HTML 4Page - Renesas Technology Corp M56750FP Datasheet HTML 5Page - Renesas Technology Corp M56750FP Datasheet HTML 6Page - Renesas Technology Corp M56750FP Datasheet HTML 7Page - Renesas Technology Corp M56750FP Datasheet HTML 8Page - Renesas Technology Corp M56750FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M56750FP
Rev.1.0, Sep.19.2003, page 3 of 8
Pin Description
Terminal
Symbol
Function
Terminal
Symbol
Function
1
VCC
Power Supply
36
U
U phase output
2
CI
Phase compensation
35
V
V phase output
3
TEST
Test terminal
34
W
W phase output
4
PS
Power save
33
RS
Current sensing output
5
ACC
Acceleration signal input
32
RNF
Current sensing
6
DEC
Deceleration signal input
31
HD
Hall-elements drive
7 to 12
GND
GND
25 to 30
GND
GND
13
RCP
Setting of charge pump output current.
24
Hu+
Hu+ sensor input
14
CPOUT
Charge pump circuit output.
23
Hu-
Hu- sensor input
15
VCTL
Speed control signal input.
22
Hv+
Hv+ sensor input
16
FGOUT
FG amp. output.
21
Hv-
Hv- sensor input
17
FG+
FG amp. non-inverted input (+)
20
Hw+
Hw+ sensor input
18
FG-
FG amp. inverted input (-)
19
Hw-
Hw- sensor input
Absolute Maximum Ratings
(unless otherwise noted Ta=25
°C)
Parameter
Symbol
Limit
Unit
Condition
Power Supply
Vcc
28
V
Output current
Io
1.0
A
Hall sensor Amp.
differential input range
VHA1
4.5
V
Input voltage of input terminal
Vi
7.0
V
ACC, DEC, PS, VCTL terminals.
Output current of HD terminal
IHD
20
mA
Maximum input voltage of HD
VHD
28
V
Under output Tr. OFF condition.
(Open collector output).
Output current of FGout terminal
IFGout
5.0
mA
Maximum input voltage of FG
output.
VFGout
7.0
V
Under output Tr. OFF condition.
(Open collector output).
Power dissipation
Pt
4.5
W
With infinite heatsink
Thermal derating
K
θ
27.8
°C/W
With infinite heatsink
Junction temperature
Tj
150
°C
Operating temperature
Topr
−20 to 75
°C
Storage temperature
Tstg
−40 to 150
°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJU7327Single-phase DC Brushless Motor Driver IC 1 2 3 4 5 MoreNew Japan Radio
IRMD22141SSDemo Board For 3-phase / 380V motor drives 1 2 3 4 5 MoreInternational Rectifier
BD6609FVSpindle Motor Driver for CD/MD 1 2 Rohm
TMC239High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IR22373-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LB11862MSingle-Phase Full-Wave Fan Motor Driver 1 2 3 4 5 Sanyo Semicon Device
175101.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
BD6670FM3Phase spindle motor driver for CD-RW 1 2 3 4 5 MoreRohm
M63160JSTEPPING MOTOR DRIVER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn