Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M56750FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. M56750FP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

M56750FP Datasheet(HTML) 5 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M56750FP
Rev.1.0, Sep.19.2003, page 5 of 8
Electrical characteristics
(Unless otherwise noted Ta=25
°C, Vcc=24V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement conditions
Acceleration current
ISS
−240
−200
−160
µA
ACC=LO, DEC=HI
RCP=13 Kohm at CPOUT=1.6V
Deceleration current
ISD
+160
+200
+240
µA
ACC=HI, DEC=LO
RCP=13 Kohm at CPOUT=1.6V
Charge pump output
current
IZ
−50
0
+50
nA
ACC=DEC=HI or LO
at CPOUT=1.6V
Charge pump output
voltage range
VCPOUT
1.2
2.8
V
RCP=13 K
Input current of
ACC (1)
IACCH
−1
0
1
µA
ACC =5.0V
Input current of
ACC (1)
IACCL
−50
−10
µA
ACC =0V
ACC Threshold voltage
VTACC
0.8
1.4
2.0
V
Input current of
DEC (1)
IDECH
250
500
µA
ACC =5.0V
Input current of
DEC (1)
IDECL
−50
−10
µA
ACC =0V
ACC Threshold voltage
VTDEC
0.8
1.4
2.0
V
Input current of VCTL
ICTL
−60
−10
+40
nA
VCTL = 1.6 V
Saturation voltage of HD
terminal
VSHD
0.6
0.9
1.2
V
Under PS terminal Open or Low and
load current 20mA condition.
Shut off current of HD
terminal
IBVHD
0
+10
µA
Under PS terminal High and 2.4V
input condition.
Saturation voltage of
FGOUT terminal
VFGL
0.5
V
(FG-) - (FG+) =100mV and load
current 5.0mA.
Shut off current of
FGOUT terminal
IBVFG
0
+10
µA
(FG-) - (FG+) =100mV and load
current 5.0mA and 5.0V input
condition.
Input current of PS
terminal (H)
IPSH
170
300
µA
5.0V input to PS terminal
Input current of PS
terminal (L)
IPSL
−10
0
+10
µA
0V input to PS terminal
PS Threshold voltage
VTPS
0.8
1.4
2.0
V
Electrical characteristics
Design value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Operational temperature of
thermal shut down.
TON
150
165
180
°C
Hysteresis of thermal TSD
(shut down function).
THYS
20
35
50
°C
Differential temperature of TSD
function-comeback.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJU7327Single-phase DC Brushless Motor Driver IC 1 2 3 4 5 MoreNew Japan Radio
IRMD22141SSDemo Board For 3-phase / 380V motor drives 1 2 3 4 5 MoreInternational Rectifier
BD6609FVSpindle Motor Driver for CD/MD 1 2 Rohm
TMC239High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IR22373-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LB11862MSingle-Phase Full-Wave Fan Motor Driver 1 2 3 4 5 Sanyo Semicon Device
175101.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
BD6670FM3Phase spindle motor driver for CD-RW 1 2 3 4 5 MoreRohm
M63160JSTEPPING MOTOR DRIVER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn