Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M56750FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. M56750FP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

M56750FP Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M56750FP
Rev.1.0, Sep.19.2003, page 4 of 8
Thermal Derating
1.0
2.0
3.0
4.0
5.0
1.2
4.5
025
50
75
100
125
150
Ambient temperature (˚C)
With infinite heatsink
Without heatsink
Recommended Conditions
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply
Vcc
24
V
Motor drive current
Io
0.7
A
Electrical characteristics
(Unless otherwise noted Ta=25
°C, Vcc=24V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement conditions
Supply current (1)
ICCL
300
600
µA
Under power save function mode
(PS=5.0V) condition.
Supply current (2)
ICC
7.3
14
mA
VCTL=CPOUT
DEC=Lo, ACC=Hi
Under motor stop condition.
Saturation voltage
VSAT
2.3
3.2
V
Top and bottom at load current
500mA.
Control Gain
GIO
0.30
0.39
0.50
V/V
of VCTL at VCTL(L) = 1.6V,
VCTL(H) = 2.0 V
Differential voltage of RNF /
Differential voltage
Reference voltage of
current limit
VLIM
0.329
0.366
0.403
V
The voltage that appears on the RNF
terminal
at VCTL=5.0V condition.
Common mode input
voltage range of Hall amp.
VHA2
1.5
VCC
−2
V
Differential input voltage of
Hall amp.
VHA3
50
mVpp
Differential voltage of Hu+/Hu-,
Hv+/Hv-, Hw+/Hw-
Input current of Hall
sensor amp.
IHA
0.5
4.0
µA
Hu+ = Hu- , Hv+ = Hv- , Hw+ = Hw-


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJU7327Single-phase DC Brushless Motor Driver IC 1 2 3 4 5 MoreNew Japan Radio
IRMD22141SSDemo Board For 3-phase / 380V motor drives 1 2 3 4 5 MoreInternational Rectifier
BD6609FVSpindle Motor Driver for CD/MD 1 2 Rohm
TMC239High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IR22373-PHASE BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LB11862MSingle-Phase Full-Wave Fan Motor Driver 1 2 3 4 5 Sanyo Semicon Device
175101.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
BD6670FM3Phase spindle motor driver for CD-RW 1 2 3 4 5 MoreRohm
M63160JSTEPPING MOTOR DRIVER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn