Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM301A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. LM301A
Description  Single Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

LM301A Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM301A
3
Electrical Characteristics
(TA =+25
°C, VCC = +15V, VEE= -15V, unless otherwise specified)
Note:
1. LM301A: 0
≤ TA ≤ +70 °C
2. Guaranteed by design.
Parameter
Symbol
Conditions
LM301A
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
RS<50K
-2.0
7.5
mV
Note 1
-
-
10
mV
Input Offset Current
IIO
-
4.5
50
nA
Note 1
-
-
70
nA
Input Bias Current
IBIAS
-
60
250
nA
Note 1
-
-
300
nA
Supply Current
ICC
VCC =
± 20V
-
-
-
mA
VCC =
± 15V
-
2.0
3.0
mA
VCC =
± 20V, TA = TA(MAX)
--
-
mA
Large Signal Voltage Gain
GV
VCC=
± 15V, RL≥2KΩ,
VO(P-P)=
± 10V
25
160
-
V/mV
Note 1
15
-
-
V/mV
Average Temperature
Coefficient of Input
Offset Voltage (NOTE2)
∆VIO/∆T
Note 1
-
6.0
30
µV/°C
Average Temperature Coefficient
of Input
Offset Current (NOTE2)
∆IIO/∆T
25
°C ≤ TA ≤ TA(MAX)
-
0.01
0.3
nA/
°C
TA(MIN)
≤ TA ≤ 25 °C
-
0.02
0.6
nA/
°C
Input Voltage Range
VI(R)
VCC =
± 20V
Note 1
-
-
-
V
VCC =
± 15V
Note 1
± 12
-
-
V
Common-Mode Rejection
Ratio
CMRR
RS
≤ 50KΩ
Note 1
70
95
-
dB
Power Supply Rejection
Ratio
PSRR
RS
≤ 50KΩ
Note 1
70
100
-
dB
Output Voltage Swing
VO(P-P)
VCC =
± 15V
RL = 10K
Ω± 12 ± 14
-
V
RL = 2.0K
Ω± 10 ± 13
-
V
Input Resistance (NOTE2)
RI
-0.5
2.0
-
M


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn