Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8514 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 8514
Description  T1/E1 Interface Modules
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

8514 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Turns Ratio
(Pri:Sec
±2%)
Secondary
L @ 25˚C
(mH MIN)
LL
(
µH MAX)
Cw/w
(pF MAX)
DCR Pri
(
ΩMAX)
Primary
Pins
8514
1CT:1CT & 1CT:2.4CT
1.20
.60
35
.90
1-3, 4-6
8515
1CT:1CT & 1CT:1.36CT
1.20
.60
35
.90
1-3, 4-6
8516
1CT:2.42CT & 1CT:2.42CT
1.20
.60
25
.60
1-3, 4-6
8517
1CT:2.3CT & 1CT:2CT
1.20
.60
25
.60
1-3, 4-6
8518
1CT:1.41CT & 1CT:1.41CT
1.20
.60
30
.70
1-3, 4-6
8519
1CT:1.36CT & 1CT:1.36CT
1.20
.60
30
.80
1-3, 4-6
8520
1CT:1.15CT & 1CT:1CT
1.20
.60
35
.90
1-3, 4-6
8521
1CT:1CT & 1CT:2CT
1.20
.60
35
.90
1-3, 4-6
8522
1CT:1.15CT & 1CT:1.15CT
1.20
.60
35
.80
1-3, 4-6
8523
1CT:1CT & 1CT:1CT
1.20
.60
35
.90
1-3, 4-6
8524
1CT:1.26CT & 1CT:2CT
1.20
.60
30
.80
1-3, 4-6
8525
1:1.15CT & 1CT:2CT
1.20
.60
35
.80
1-3, 4-6
8526
1CT:2CT & 1:1.36CT
1.20
.60
30
.70
1-3, 4-6
8527
1CT:2CT & 1CT:2CT
1.20
.60
25
.60
1-3, 4-6
FD/C
SUGGESTED PAD LAYOUT
.675
.600
.456
.085
.100
12 x .030
.340
.040/.050
.010/.020
.500
.400
.100 TYP
.640
.050 TYP
.120
.004
0˚-8˚
85XX
IC MFG.
IC P/N
FILTRAN P/N
IC MFG.
IC P/N
FILTRAN P/N
CONEXANT
BT8510
8527
LEVEL ONE
LXT 300, LXT 304A, LXT 305A, LXT 307
8527
R8069, R8069A, R8069B
8527
LXT 304A, LXT 305A
8525
BT8370, BT8375, BT8376
8515
LXT 304A, LXT 305A
8521
CRYSTAL
61535A, 61574A, 61575, 61304A, 61305A
8525
LXT 304A, LXT 305A
8524
61535A, 61574A, 61575, 61304A, 61305A
8521
LXT 304A, LXT 305A
8517
61535A, 61574A, 61575, 61304A, 61305A
8524
LXT 310/311/317/318/319
8521
61574, 61577
8527
LXT 331, LXT 335
8521
61581, 61318, 61310
8521
LXT 331, LXT 334
8520
61584, 61584A
8527
LXT 331, LXT 332
8525
61584, 61582, 61583
8522
LXT 331, LXT 332
8527
61881
8525
LXT 331, LXT 332, LXT 351, LXT 360
8517
DALLAS
DS21Q352 / 54, DS21Q552 / 54
8521
LXT 350/351/360/361/370
8521
DS21Q352 / 54, DS21Q552 / 54
8515
LXT 380, LXT 381
8521
DS21352, DS21354
8521
LXT 384, LXT 386, LXT 388
8527
DS2148, Q48
8515
LUCENT
T7288
8526
DS2148, Q48
8521
T7289
8525
DS2151, DS2152, DS2153, DS2154, 552, 554
8515
T7290A
8526
DS2151, DS2152, DS2153, DS2154, 552, 554
8520
T7688, T7698
8519
DS2186, DS2187
8526
T7689, T7698
8522
EXAR
56L22, 56L85, C240, C260, C262, C277, 59291
8527
T7690
8522
T5620, T5650, T5675, T5681, T5683
8527
T7690
8519
T5791, T5794, T5795, T5894, T5897, T5997
8527
T7693
8516
T5793
8524
T7693
8527
T7288, T5684
8526
PMC-SIERRA
PM4341, PM6341
8526
INFINEON
PEB 2235, PEB 2235A1, PEB2235B1
8518
PM4351
8516
PEB 2254, PEB 2255
8518
VLSI
VP14Q574
8525
PEB 22504, PEB 22554
8514
VP14Q574
8524
T1/E1
Units matched to leading transceiver IC’s. Meets requirements for T1, E1, CEPT and PRI ISDN interface applications
over an extended temperature range of -40°C to +85°C.
Interface Modules
8514-8527
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
SCHEMATIC
3
6
5
4
2
1
10
7
8
9
11
12
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn