Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SFH6942 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH6942
Description  Optocoupler, Phototransistor Output, SOT-223/10, Quad Channel
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SFH6942 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH6942
Document Number 81290
Rev. 1.0, 20-Apr-06
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in Inches (mm)
Figure 9.
isfh6943_09
103
102
101
100
102
103
104
105
R
L/OHM
t
off
t
f
t
on
t
r
I
F = 1 mA,
V
CC = 5 V,
t
on, tr, toff, tt = f (RL)
Figure 10. Transistor Output Characteristics
ICE =1(VCE,IF)
isfh6943_10
25
20
15
10
5
0
10-2
101
10-1
102
100
V
CE/V
I
F = 1 mA
I
F = 2 mA
I
F = 3 mA
I
F = 4 mA
I
F = 5 mA
R 0.005 (0.13)
0.050 (1.27)
0.026 (0.66)
0.024 (0.61)
0.216 (5.49)
0.296 (7.52)
0.053 (1.35)
0.040 (1.02)
0.010 (0.25)
i178044
0.063 ± 0.004
(1.60 ± 0.10)
0.018 (0.46)
0.035
(0.90)
0.016 (0.41)
ISO Method A
0.043
(1.09)
10°
0.002 + 0.002
– 0.001
(0.05 + 0.05
– 0.03)
0.256 ± 0.004
(6.50 ± 0.10)
0.200 ± 0.005
(5.80±0.13)
10°
0.004(0.10)
max.
0.020 (0.51) min.
45°
0.010R
(0.25)
0°–7°
0.01 (0.25) R
0.020 ± 0.004
(0.51 ± 0.10)
0.138 ± 0.004
(3.51 ±0.10)
0.276 ± 0.008
(7.01 ± 0.20)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn