Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA213 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LA213
Description  Photocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA213 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA213 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA213 Datasheet HTML 2Page - List of Unclassifed Manufacturers LA213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
Letex Technology Corp.
Photocoupler
Part Name: LA213
Features
‧SOP package 4 Pin type in miniature design
‧600% minimum current transfer ratio
‧1500V rms Input/Output isolation
Applications
‧Telephones
‧Programmable controllers
‧System appliances, measuring instruments.
‧Signal transmission between circuits of different potentials and impedances.
1. LED Anode
2. LED Cathode
3. Emitter
4. Collector
16
A
2
1
Letex
LA213
3
4
1
2
3
4
Dimensions(Unit: mm inch)


Similar Part No. - LA213

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LA213 LETEX-LA213 Datasheet
189Kb / 4P
   Photocoupler
logo
LIGITEK electronics co....
LA213W-H LIGITEK-LA213W-H Datasheet
76Kb / 6P
   LED ARRAY
More results

Similar Description - LA213

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com