Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843208KT1N6 Datasheet(PDF) 5 Page - Filtran LTD

Part # 843208KT1N6
Description  WIRE WOUND Ceramic Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843208KT1N6 Datasheet(HTML) 5 Page - Filtran LTD

  843208KT1N6 Datasheet HTML 1Page - Filtran LTD 843208KT1N6 Datasheet HTML 2Page - Filtran LTD 843208KT1N6 Datasheet HTML 3Page - Filtran LTD 843208KT1N6 Datasheet HTML 4Page - Filtran LTD 843208KT1N6 Datasheet HTML 5Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tape Dimensions
Unit: mm
Series
A
B
C
D
E
F
G
H
I
8432-03
81.1
4
1.75
3.5
1.75
2
1.15
0.25
8432-05
81.88
4
2.38
3.5
1.75
2
1.48
0.2
8432-08
82.73
4
2.88
3.5
1.75
2
2.33
0.2
Packaging Quantity
Unit: pcs
Packaging
Series
pcs/wheel
8432-03
4,000
8432-05
2,500
8432-08
2,000
WIRE WOUND
Ceramic Chip Inductor
8432 Series
ENVIRONMENTAL CHARACTERISTICS
Item
Specification
Test Method
1
Vibration
Appearance: No damage
L change: within
±10%
Q change: within
±30%
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1min
Amplitude: 1.5mm
Time: 2 hrs for each axis (X, Y & Z), total 6 hrs
2
Resistance to
Soldering-teat
Appearance: No damage
Pre-heating: 150 ˚C, 1min
Solder Composition: Sn/Pb=63/67
Solder Temperature: 260
±5 ˚C
Immersion Time: 10
±1sec
3
Solderability
The electrodes shall be at
least 90% covered with new
solder coating
Pre-heating: 150 ˚C, 1min
Solder Composition: Sn/Pb=63/67
Solder Temperature: 230
±5 ˚C
Immersion Time: 4
±1sec
Item
Specification
Test Method
1
Temperature Cycle
One cycle:
Total: 100 cycles
Measured after exposure in the room condition for 24 hrs
2
Humidity Resistance
Temperature: 40
±2 ˚C
Relative Humidity: 90-95%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
3
High Temperature
Resistance
Temperature: -85
±3 ˚C
Relative Humidity: 20%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
4
Low Temperature
Resistance
Appearance: No damage
L change: within
±10%
Q change: within
±30%
Temperature: -25
±3 ˚C
Relative Humidity: 0%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Step
Temperature (˚C)
Time (min)
1-25
±330
225
±23
385
±330
425
±23
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 5 of 5
PACKAGING
Mechanical Performance
Environmental Performance


Similar Part No. - 843208KT1N6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
More results

Similar Description - 843208KT1N6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
1008CS DELTA-1008CS Datasheet
119Kb / 3P
   WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com