Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3684 Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA3684
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3684 Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button OPA3684 Datasheet HTML 16Page - Burr-Brown (TI) OPA3684 Datasheet HTML 17Page - Burr-Brown (TI) OPA3684 Datasheet HTML 18Page - Burr-Brown (TI) OPA3684 Datasheet HTML 19Page - Burr-Brown (TI) OPA3684 Datasheet HTML 20Page - Burr-Brown (TI) OPA3684 Datasheet HTML 21Page - Burr-Brown (TI) OPA3684 Datasheet HTML 22Page - Burr-Brown (TI) OPA3684 Datasheet HTML 23Page - Burr-Brown (TI) OPA3684 Datasheet HTML 24Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
OPA3684
20
SBOS241A
www.ti.com
While the last term, the inverting bias current error, is
dominant in this low-gain circuit, the input offset voltage will
become the dominant DC error term as the gain exceeds
5V/V. Where improved DC precision is required in a high-
speed amplifier, consider the OPA656 unity gain stable and
OPA657 high-gain bandwidth JFET input op amps.
DISABLE OPERATION
The OPA3684 provides an optional disable feature on each
channel that may be used to reduce system power when
channel operation is not required. If the V
DIS control pin is
left unconnected, each channel of the OPA3684 will operate
normally. To disable, the control pin must be asserted low.
Figure 13 shows a simplified internal circuit for the disable
control feature.
25k
250k
40k
I
S
Control
–V
S
+V
S
V
DIS
Q1
In normal operation, base current to Q1 is provided through
the 250k
Ω resistor while the emitter current through the 40kΩ
resistor sets up a voltage drop that is inadequate to turn on
the two diodes in Q1’s emitter. As V
DIS
is pulled low,
additional current is pulled through the 40k
Ω resistor eventu-
ally turning on these two diodes (
≈ 30µA). At this point, any
further current pulled out of V
DIS goes through those diodes
holding the emitter-base voltage of Q1 at approximately 0V.
This shuts off the collector current out of Q1, turning the
amplifier off. The supply current in the disable mode are only
those required to operate the circuit of Figure 13.
When disabled, the output and input nodes go to a high
impedance state. If the OPA3684 is operating in a gain of +1
(with a 800
Ω feedback resistor still required for stability), this
will show a very high impedance (1.7pF || 1M
Ω) at the output
and exceptional signal isolation. If operating at a gain greater
than +1, the total feedback network resistance (RF + RG) will
appear as the impedance looking back into the output, but
the circuit will still show very high forward and reverse
isolation. If configured as an inverting amplifier, the input and
output will be connected through the feedback network
resistance (RF + RG) giving relatively poor input to output
isolation.
Each channel of the OPA3684 provides very high power gain
on low quiescent current levels. When disabled, internal high
impedance nodes discharge slowly which, with the excep-
tional power gain provided, give a self powering characteris-
tic that leads to a slow turn off characteristic. Typical full turn-
off times to rated 100
µA disabled supply current are 4ms.
Turn-on times are very fast—less than 40ns.
The circuit of Figure 13 will control the disable feature using
standard 5V CMOS or TTL level signals when the OPA3684
is operated on
±5V or single +5V supplies. Since this circuit
is really a current mode control, disable operation for a single
+12V supply should be implemented using an open collector
logic family.
THERMAL ANALYSIS
The OPA3684 will not require external heatsinking for most
applications. Maximum desired junction temperature will set
the maximum allowed internal power dissipation as de-
scribed below. In no case should the maximum junction
temperature be allowed to exceed 175
°C.
Operating junction temperature (TJ) is given by TA + PD • θJA.
The total internal power dissipation (PD) is the sum of
quiescent power (PDQ) and additional power dissipated in the
output stage (PDL) to deliver load power. Quiescent power is
simply the specified no-load supply current times the total
supply voltage across the part. PDL will depend on the
required output signal and load but would, for a grounded
resistive load, be at a maximum when the output is fixed at
a voltage equal to 1/2 either supply voltage (for equal bipolar
supplies). Under this condition PDL = VS2/(4 • RL) where RL
includes feedback network loading.
Note that it is the power in the output stage and not into the
load that determines internal power dissipation.
As an absolute worst-case example, compute the maximum
TJ using an OPA3684IDBQ (SSOP-16 package) in the circuit
of Figure 1 operating at the maximum specified ambient
temperature of +85
°C with all channels driving a grounded
100
Ω load.
PD = 10V • 5.6mA + 3 • (52 /(4 • (100Ω  1.6kΩ))) = 255mW
Maximum TJ = +85°C + (0.255W • 100°C/W) = 111°C.
This maximum operating junction temperature is well below
most system level targets. Most applications will be lower
than this since an absolute worst-case output stage power
was assumed in this calculation with all 3 channels running
maximum output power simultaneously.
FIGURE 13. Simplified Disable Control Circuit.


Similar Part No. - OPA3684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA3684 BURR-BROWN-OPA3684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3684 TI1-OPA3684 Datasheet
954Kb / 32P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER
OPA3684 TI1-OPA3684 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684ID TI1-OPA3684ID Datasheet
954Kb / 32P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com