Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8430 Datasheet(PDF) 3 Page - Filtran LTD

Part # 8430
Description  MULTILAYER Ceramic Chip Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8430 Datasheet(HTML) 3 Page - Filtran LTD

  8430 Datasheet HTML 1Page - Filtran LTD 8430 Datasheet HTML 2Page - Filtran LTD 8430 Datasheet HTML 3Page - Filtran LTD 8430 Datasheet HTML 4Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MULTILAYER
Ceramic Chip Inductor
8430 Series
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Continued
Page 3 of 4
0402 Multilayer Chip Inductors
ELECTRICAL SPECIFICATIONS @ 25˚C
Inductance
(nH)
Tolerance
Q
Min.
L/Q Test
Frequency
(MHz)
RDC
(
Ω MAX)
S.R.F.
Typical
(MHz)
IDC
(mA MAX)
1.0
S
8
100
0.12
>15000
300
1.2
S
8
100
0.12
>15000
300
1.5
S
8
100
0.13
>15000
300
1.8
S
8
100
0.14
14000
300
2.2
S
8
100
0.16
12000
300
2.7
S
8
100
0.17
9500
300
3.3
S, K
8
100
0.19
8500
300
3.9
S, K
8
100
0.22
7000
300
4.7
S, K
8
100
0.24
6000
300
5.6
S, K
8
100
0.27
5400
300
6.8
J, K
8
100
0.32
5000
250
8.2
J, K
8
100
0.40
4600
250
10
J, K
8
100
0.45
3700
250
12
J, K
8
100
0.50
3200
250
15
J, K
8
100
0.60
3100
250
18
J, K
8
100
0.65
2900
200
22
J, K
8
100
0.80
2100
200
27
J, K
8
100
0.90
1900
200
33
J, K
8
100
1.00
1600
200
39
J, K
8
100
1.20
1400
150
47
J, K
8
100
1.30
1200
150
56
J, K
8
100
2.00
1100
150
68
J, K
8
100
2.20
1000
100
82
J, K
8
100
2.50
900
100
100
J, K
8
100
2.50
850
100
120
J, K
8
50
2.50
750
100


Similar Part No. - 8430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8430 PHOENIX-8430 Datasheet
294Kb / 17P
   AXL E PB DI8 DO8 M12 6M
logo
Heyco.
8430 HEYCO-8430 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
Integrated Device Techn...
8430-61 IDT-8430-61 Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Device Techn...
8430002AYLF IDT-8430002AYLF Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
More results

Similar Description - 8430

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
   MULTILAYER CERAMIC CHIP INDUCTOR
logo
KOA Speer Electronics, ...
MHL1ECT KOA-MHL1ECT Datasheet
120Kb / 3P
   multilayer ceramic inductor
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com