Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8430 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8430
Description  MULTILAYER Ceramic Chip Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8430 Datasheet(HTML) 1 Page - Filtran LTD

  8430 Datasheet HTML 1Page - Filtran LTD 8430 Datasheet HTML 2Page - Filtran LTD 8430 Datasheet HTML 3Page - Filtran LTD 8430 Datasheet HTML 4Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
•High frequency
•High Q
•High IDC
Available in 2 sizes:
0603 for 1.0 nH to 220 nH
0402 for 1.0 nH to 120 nH
MULTILAYER
Ceramic Chip Inductor
8430 Series
MECHANICAL AND SCHEMATIC (All dimensions in millimeters)
SIZE
Range
(nH)
AB
C
D
0603
1.0 - 220
1.6
±0.2
0.8
±0.15
0.8
±0.15
0.3
±0.2
0402
1.0 - 120
1.0
±0.15
0.5
±0.15
0.5
±0.15
0.25
±0.15
SCHEMATIC
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
APPLICATIONS
•High frequency circuits
for portable telephone,
PHS, wireless
communication, etc.
PART NUMBERING
8430
XX
X
X
XXX
8430
Inductance Code
Packaging Code
T = Tape & Reel
Inductance Tolerance Code
03 = 0603 (EIA)
Dimension Code
02 = 0402 (EIA)
Part Number
4N7 = 4.7 nH
15N = 15 nH
R10 = 100 nH
8430 = Multilayer Chip Inductor
S =
±0.3 nH
J =
±5%
K =
±10%
Continued
Page 1 of 4
CONTENTS
PAGE
Mechanical & Schematic
1
Part Numbering
1
Electrical Specs - 0603
2
Electrical Specs - 0402
3
Environmental Characteristics 4
Packaging
4


Similar Part No. - 8430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8430 PHOENIX-8430 Datasheet
294Kb / 17P
   AXL E PB DI8 DO8 M12 6M
logo
Heyco.
8430 HEYCO-8430 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
Integrated Device Techn...
8430-61 IDT-8430-61 Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Device Techn...
8430002AYLF IDT-8430002AYLF Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
More results

Similar Description - 8430

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
   MULTILAYER CERAMIC CHIP INDUCTOR
logo
KOA Speer Electronics, ...
MHL1ECT KOA-MHL1ECT Datasheet
120Kb / 3P
   multilayer ceramic inductor
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com