Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8430 Datasheet(PDF) 4 Page - Filtran LTD

Part No. 8430
Description  MULTILAYER Ceramic Chip Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

8430 Datasheet(HTML) 4 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MULTILAYER
Ceramic Chip Inductor
8430 Series
ENVIRONMENTAL CHARACTERISTICS
Item
Specification
Test Methods
1Bending Strength
Appearance: No damage
Test device shall be soldered on the substrate
Substrate Dimension: 95x23x1.5mm
Deflection: 2.0mm
Keeping Time: 30sec
2Resistance to
Soldering Heat
Appearance: No damage
L change: within
±10%
Q change: within
±20%
Pre-heating: 120
±20 ˚C, 1min
Solder Temperature: 260
±10 ˚C Immersion Time: 3±1sec
Measured after exposure in the room condition for 24hrs
3Solderability
The electrodes shall be at least
75% covered with new solder
coating
L change: within
±10%
Q change: within
±20%
Pre-heating: 120
±20 ˚C, 1min
Solder Temperature: 230
±10 ˚C
Immersion Time: 3
±1sec
4Temperature Cycle
One Cycle:
One cycle/step 1: 100
±5 ˚C for 30±1min
step 2: -40
±3 ˚C for 30±1min
Total: 100cycles
Measured after exposure in the room condition for 24hrs
5Humidity Resistance
Temperature: 40
±2 ˚C
Relative Humidity: 90~95%
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
6Heat Life
Temperature: 85
±2 ˚C
Applied Current: Rated Current
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
7Cold Resistance
Temperature: -40
±5 ˚C
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 4 of 4
PACKAGING
Unit: pcs
Packaging
Series
pcs/wheel
8430-03
4,000
8430-02
10,000
Packaging Quanitity
Reel Dimensions
Unit: mm
Series
A
B
C
D
8430-03
178
60
12
1.5
8430-02
178
60
12
1.5
Emboss Plastic Tape Specifications
Unit: mm
Series
A
B
K 0
WP
F
K
8430-03
1.1
1.9
0.95
8
4
3.5
0.95
8430-02
0.65
1.15
0.6
8
2
3.5
0.6


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn