Electronic Components Datasheet Search |
|
W528S60 Datasheet(PDF) 10 Page - Winbond |
|
W528S60 Datasheet(HTML) 10 Page - Winbond |
10 / 15 page W528SXX - 10 - GR = N defines the number of global repeats (from 1 to 16); m1 and m2 define the number of local repeats (from 1 to 7); SOUND1 and SOUND2 are the *.WAM files of ADPCM converted voice data; _FL is the section control setting, for which the parameters F and L are as follows: F: Voice output frequency setting: 0 = 4 KHz, 1 = 4.8 KHz, 2 = 6 KHz, 3 = 8 KHz; L: LED output setting: 1: ON 0: OFF; and [1FFFF] is a period of silence of length 1FFFF; H4, T4: Represent head and tail ADPCM files, respectively. E. Programmable Power-on Initialization Whenever the W528xxx is powered on, the program contained in the 32nd voice group will be executed after the power-on delay (about 160 mS), so the user can write a program into this group to set the power-on initial state. If the user does not wish to execute a program at power-on, an "END" instruction should be entered in group 32. The W528xxx power-on initialization process can be interrupted by trigger inputs. F. Progamming Examples This section presents several examples of how the functions of the W528xxx may be programmed. Customer programs should be written in ASCII code using a text editor; after compiling, the sound effects resulting from the programs can be tested using a Winbond demo board. EXAMPLE1: Four playing mode settings: a. One-Shot Trigger Mode 0: LD EN, 0x01 ; Enable TG1 falling edge input only. H4 + sound1 + T4 END The timing diagram for this example is shown below: TG1: TG1: AUD: AUD: Sound 1 case 1: case 2: Sound 1 |
Similar Part No. - W528S60 |
|
Similar Description - W528S60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |