Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NESG270034 Datasheet(PDF) 6 Page - California Eastern Labs

Part No. NESG270034
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NESG270034 Datasheet(HTML) 6 Page - California Eastern Labs

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EVALUATION CIRCUIT (f = 460 MHz)
RF IN
C1
VBE
C4
L1
RF OUT
C2
C3
VCE
L2
R1
R2
C5
L4
L3
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
EVALUATION BOARD (f = 460 MHz)
GND VBE
34-04
VCE GND
L3
R2
L1
L4
C5
C3
C2
C1
C4
L2
R1
SQ
Notes
1. 38
× 38 mm, t = 0.8 mm double sided copper clad glass epoxy PWB.
2. Back side: GND pattern
3. Solder gold plated on pattern
4.
: Through holes
Preliminary Data Sheet PU10577EJ01V0DS
6
NESG270034


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn