Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NESG270034 Datasheet(PDF) 5 Page - California Eastern Labs

Part No. NESG270034
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NESG270034 Datasheet(HTML) 5 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.ncsd.necel.com/
PA EVALUATION CIRCUIT TYPICAL CHARACTERISTICS
Input Power Pin (dBm)
OUTPUT POWER, COLLECTOR
CURRENT, COLLECTOR EFFICIENCY
vs. INPUT POWER
15
5
0
35
30
25
20
15
10
1 000
800
600
400
200
0
10
25
20
Pout
IC
C
η
VCE = 6 V, f = 460 MHz
IC (set) = 30 mA
Remark The graph indicates nominal characteristics.
Preliminary Data Sheet PU10577EJ01V0DS
5
NESG270034


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn