Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NESG270034 Datasheet(PDF) 3 Page - California Eastern Labs

Part No. NESG270034
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NESG270034 Datasheet(HTML) 3 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 9.2 V, IE = 0 mA
1
µA
Emitter Cut-off Current
IEBO
VEB = 1.0 V, IC = 0 mA
1
µA
DC Current Gain
hFE
Note
VCE = 3 V, IC = 100 mA
80
120
180
RF Characteristics
Linner Gain (1)
GL
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 460 MHz, Pin = 0 dBm
17.5
19.5
dB
Linner Gain (2)
GL
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 900 MHz, Pin = 0 dBm
15
dB
Output Power (1)
Pout
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 460 MHz, Pin = 20 dBm
31.5
33.5
dBm
Output Power (2)
Pout
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 900 MHz, Pin = 20 dBm
31.5
dBm
Collector Efficiency (1)
ηC
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 460 MHz, Pin = 20 dBm
60
%
Collector Efficiency (2)
ηC
VCE = 6 V, IC (set) = 30 mA (RF OFF),
f = 900 MHz, Pin = 25 dBm
50
%
Note Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Rank
FB
Marking
SQ
hFE Value
80 to 180
Preliminary Data Sheet PU10577EJ01V0DS
3
NESG270034


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn