Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NESG270034 Datasheet(PDF) 2 Page - California Eastern Labs

Part No. NESG270034
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NESG270034 Datasheet(HTML) 2 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THERMAL RESISTANCE (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Termal Resistance from Junction to
Ambient
Note
Rthj-a
65
°C/W
Note Mounted on 34.2 cm
2 × 0.8 mm (t) glass epoxy PWB
RECOMMENDED OPERATING RANGE (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Collector to Emitter Voltage
VCE
6.0
7.2
V
Collector Current
IC
600
750
mA
Input Power
Note
Pin
20
23
dBm
Note Input power under conditions of VCE
≤ 6.0 V, f = 460 MHz
Preliminary Data Sheet PU10577EJ01V0DS
2
NESG270034


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn