Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W528S03 Datasheet(PDF) 6 Page - Winbond

Part # W528S03
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S03 Datasheet(HTML) 6 Page - Winbond

Back Button W528S03 Datasheet HTML 2Page - Winbond W528S03 Datasheet HTML 3Page - Winbond W528S03 Datasheet HTML 4Page - Winbond W528S03 Datasheet HTML 5Page - Winbond W528S03 Datasheet HTML 6Page - Winbond W528S03 Datasheet HTML 7Page - Winbond W528S03 Datasheet HTML 8Page - Winbond W528S03 Datasheet HTML 9Page - Winbond W528S03 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
W528SXX
- 6 -
c. No action will be taken when the other trigger pins are pressed, because the corresponding bits
are set to "0."
LD STOP, operand:
This instruction loads the operand message into the STOP register to set the output levels of the stop
signals. The initial value of the STOP register is "XXXXX111."
a. This register is used to program the output levels of the three STOP signals, STPA, STPB,
and STPC. Only three of the bits in the register are used, as shown below (an "X" indicates
"Don't care"):
Bit:
7
6
5
4
3
2
1
0
Stop:
X
X
X
X
X
STPC
STPB
STPA
b. When a particular STOP bit is set to "1," The corresponding stop signal will be a high output;
when a bit is set to "0," the corresponding stop signal will be a low output.
EXAMPLE:
The instruction "LD STOP, 0x43" is programmed.
EXPLANATION:
a. "43" is a hexadecimal value equal to a binary value of "0100 0011."
b. These 8 bits of data represent the following settings:
X,
X,
X,
X,
X,
STPC,
STPB,
STPA
0
1
0
0
0
0
1
1
RESULT:
a. The STPA and STPB outputs will be high outputs.
b. The STPC signal will be a low output.
c. The sixth bit "1" is a "Don't Care" bit and so has no effect on the stop signal output
settings.
LD MODE, operand:
This instruction is used to select various operating modes. It loads an operand message into the
MODE register to select one mode from each of four pairs of modes, which correspond to bits 4
through 7 of the register (bits 0 to 3 are "Don't Care" bits). The four pairs of modes and the
corresponding bits are as follows:
Bit:
7
6
5
4
3
2
1
0
MODE:
Flash/DC
LED2/STPC
TG4/LED2_STPC
45 mS/350
µS
X
X
X
X
A "1" for one of these bits selects the first of the pair of modes indicated; a "0" selects the second of
the pair. The initial value of the mode register is "1111XXXX."


Similar Part No. - W528S03

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
W528S03 WINBOND-W528S03 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
More results

Similar Description - W528S03

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
W523X WINBOND-W523X Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
   VOICE SYNTHESIZER
July 1986
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com