Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8404-XXX Datasheet(PDF) 1 Page - Filtran LTD

Part No. 8404-XXX
Description  Inductors Surface Mount Drum Core Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

8404-XXX Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Inductance
1
(µH ±20%)
DCR
(Ω MAX)
Isat
2
(A)
Irms
3
(A)
8404-10G
1.0
0.009
20
8.6
8404-22G
2.2
0.014
16
7.1
8404-33G
3.3
0.018
14
6.2
8404-56G
5.6
0.020
12
5.3
8404-100
10.0
0.031
10
4.3
8404-150
15.0
0.036
8.0
4.0
8404-220
22.0
0.047
7.0
3.5
8404-330
33.0
0.066
5.5
3.0
8404-470
47.0
0.086
4.5
2.6
8404-680
68.0
0.13
3.5
2.3
8404-101
100.0
0.19
3.0
1.8
8404-151
150.0
0.25
2.6
1.5
8404-221
220.0
0.38
2.4
1.2
8404-331
330.0
0.56
1.9
1.0
8404-471
470.0
0.85
1.4
0.82
8404-681
680.0
1.10
1.2
0.72
8404-102
1000.0
1.80
1.0
0.56
SUGGESTED PAD LAYOUT
SCHEMATIC
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Inductors
An ISO 9001 Registered Company
• Designed for use in DC-DC converters where high energy storage
combined with low DCR is a requirement
• Suitable for auto assembly and compatible with reflow process to 240°C
• Useful in battery-powered and low voltage converters
• Rugged design features with an extended operating temperature range of
-40°C to +85°C
Surface Mount
Drum Core Power Inductors
8404-XXX
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
NOTES:
1. Tested at 100 kHz, 0.1 Vrms.
2. Inductance drop = 10% typ. at Isat.
3.
∆T= 40°C typ. at Irms.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn