Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8401-XXX Datasheet(PDF) 1 Page - Filtran LTD

Part No. 8401-XXX
Description  Inductors SMT Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8401-XXX Datasheet(HTML) 1 Page - Filtran LTD

  8401-XXX Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Filtran Limited
229 Colonnade Road, Ottawa, Ontario,Canada. K2E 7K3,
An ISO 9001 Registered Company
Tel: (613) 226-1626
Fax: (613) 226-7124
www.filtran.com
Inductors
SMT Power Inductors
8401-XXX
MECHANICAL (All dimensions in millimetres)
ELECTRICAL SPECIFICATIONS
Part
Number
L
(µH)
±20%
Test
Frequency
(MHz)
SRF
(MHz)
TYP.
DCR
(
Ω)
MAX.
I, DC
(A)
8401-010
1.0
7.96
113
0.049
2.56
8401-014
1.4
7.96
101
0.057
2.52
8401-018
1.8
7.96
92
0.064
1.95
8401-022
2.2
7.96
76
0.072
1.75
8401-027
2.7
7.96
66
0.079
1.58
8401-033
3.3
7.96
63
0.087
1.44
8401-039
3.9
7.96
53
0.094
1.33
8401-047
4.7
7.96
49
0.109
1.15
8401-056
5.6
7.96
43
0.126
0.99
8401-068
6.8
7.96
41
0.132
0.95
8401-082
8.2
7.96
35
0.147
0.84
8401-100
10
2.52
35
0.182
1.04
8401-120
12
2.52
32
0.210
0.97
8401-150
15
2.52
29
0.235
0.85
8401-180
18
2.52
27
0.338
0.74
8401-220
22
2.52
24
0.378
0.68
8401-270
27
2.52
21
0.522
0.62
8401-330
33
2.52
19
0.540
0.56
8401-390
39
2.52
18
0.587
0.52
8401-470
47
2.52
15
0.844
0.44
8401-560
56
2.52
14
0.937
0.42
8401-680
68
2.52
13
1.117
0.37
NOTE: Inductance tolerance ±10% for 8401-330 to 8401-680
Low profile, compact size
High current capacity, 10% drop @ rated current
Operating temperature -30°C to +100°C
Low core loss for high frequency power application
Supplied Tape & Reel (1500 units/reel)
SUGGESTED PAD LAYOUT


Similar Part No. - 8401-XXX

ManufacturerPart No.DatasheetDescription
ASM GmbH
ASM GmbH
8401-20 ASM-SENSOR-8401-20 Datasheet
3Mb / 12P
   DATENLOGGER
More results

Similar Description - 8401-XXX

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AM1608 ETC2-AM1608 Datasheet
66Kb / 1P
   SMT Power Inductors
AM5022 ETC2-AM5022 Datasheet
65Kb / 1P
   SMT Power Inductors
EPCOS
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82469G1 EPCOS-B82469G1 Datasheet
92Kb / 7P
   SMT power inductors
Coilcraft lnc.
Coilcraft lnc.
DO1607C-102 COILCRAFT-DO1607C-102 Datasheet
107Kb / 1P
   SMT Power Inductors
DO2010-123ML COILCRAFT-DO2010-123ML Datasheet
196Kb / 2P
   SMT Power Inductors
DO3316H-121ML COILCRAFT-DO3316H-121ML Datasheet
213Kb / 2P
   SMT Power Inductors
DO5010H-781ML COILCRAFT-DO5010H-781ML Datasheet
212Kb / 2P
   SMT Power Inductors
EPCOS
EPCOS
B82462G4821M000 EPCOS-B82462G4821M000 Datasheet
164Kb / 8P
   SMT power inductors
B82473A1103K000 EPCOS-B82473A1103K000 Datasheet
178Kb / 7P
   SMT power inductors
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com