Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8261 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 8261
Description  LAN 10/100 Base-T Single Port Transformer Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8261 Datasheet(HTML) 1 Page - Filtran LTD

  8261 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
LAN
An ISO 9001 Registered Company
• Provides excellent EMI filtering
• Designed for use with data grade unshielded twisted pair cable (UTP-5)
• Suitable for adapter card cable and multiport applications
• Meets IEEE 802.3 and ANSI X3.263 standards, including 350µH OCL
with 8mADC bias
ELECTRICAL SPECIFICATION @ 25˚C
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN @ 100
Ω)
Differential to Common
Mode Rejection
(dB MIN)
Crosstalk
(dB TYP)
Part
Number
0.1-100
MHz
1-30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
Hipot
(Vrms MIN)
8261
-1.0
-22
-20
-18
-12
-42
-38
-32
-50
-40
-40
1500
8262
1
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
8263
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
10/100 Base-T Single Port
Transformer Module
8261- 8263
MECHANICAL AND SCHEMATIC (All dimensions in inches)
SCHEMATIC
SUGGESTED PAD LAYOUT
Center-tapped inductor not included in 8261, so pin 12 connects to the transformer center tap.
1. Rise time optimized for National’s DP83843.


Similar Part No. - 8261

ManufacturerPart No.DatasheetDescription
Mallory performance club
Mallory performance clu...
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
API Technologies Corp
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
8261-8263 APITECH-8261-8263 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
ITT Industries
ITT Industries
8261J80A3BE22 ITT-8261J80A3BE22 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
8261J80A3BE223 ITT-8261J80A3BE223 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
More results

Similar Description - 8261

ManufacturerPart No.DatasheetDescription
Filtran LTD
Filtran LTD
8447 FILTRAN-8447 Datasheet
148Kb / 1P
   LAN 10/100 Base-T Single Port Transformer Module
8240 FILTRAN-8240 Datasheet
198Kb / 1P
   LAN 10/100 BASE-T Single Port Transformer Modules
Rhombus Industries Inc.
Rhombus Industries Inc.
T-1307 RHOMBUS-IND-T-1307 Datasheet
37Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
API Technologies Corp
API Technologies Corp
6790 APITECH-6790 Datasheet
377Kb / 1P
   10/100 Base-T Single Port Transformer Module
Rhombus Industries Inc.
Rhombus Industries Inc.
T-17000 RHOMBUS-IND-T-17000 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
API Technologies Corp
API Technologies Corp
8447-8450 APITECH-8447-8450 Datasheet
628Kb / 1P
   10/100 BASE-T Single Port Transformer Module
Dongguan Xinkang Electronic Technology Co., Ltd.
Dongguan Xinkang Electr...
BT16A07 TNK-BT16A07 Datasheet
96Kb / 1P
   10/100 Base-T Single Port Transformer Module
Allied Components International
Allied Components Inter...
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
   10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1612S ALLIED-AHSC-1612S Datasheet
305Kb / 1P
   10/100 Base T Single Port LAN Filter Module
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz