Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3964A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3964A
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3964A Datasheet HTML 1Page - Maxim Integrated Products MAX3964A Datasheet HTML 2Page - Maxim Integrated Products MAX3964A Datasheet HTML 3Page - Maxim Integrated Products MAX3964A Datasheet HTML 4Page - Maxim Integrated Products MAX3964A Datasheet HTML 5Page - Maxim Integrated Products MAX3964A Datasheet HTML 6Page - Maxim Integrated Products MAX3964A Datasheet HTML 7Page - Maxim Integrated Products MAX3964A Datasheet HTML 8Page - Maxim Integrated Products MAX3964A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
_______________________________________________________________________________________
5
Pin Description
PIN
QSOP
THIN
QFN
NAME
FUNCTION
1
19
SQUELCH
Squelch Input. The squelch function disables the data outputs by forcing OUT- low and OUT+
high during a loss-of-signal condition. Connect to GND or leave unconnected to disable.
Connect to VCC to enable squelching.
2
20
VTH
Output of Internal Op Amp that Sets Loss-of-Signal Threshold Voltage (Figure 1). Connect a
resistor from VTH to INV and from INV to ground (minimum resistance 100k
Ω) to program the
desired threshold voltage.
31
INV
Inverting Input of Internal Op Amp that Sets Loss-of-Signal Threshold Voltage (Figure 1).
Connect a resistor from VTH to INV and from INV to ground (minimum resistance 100k
Ω) to
program the desired threshold voltage.
42
FILTER
Filter Output of Full-Wave Logarithmic Detectors (FWDs). The FWD outputs are summed
together at FILTER to generate the received-signal-strength indicator (RSSI). Connect a
capacitor from FILTER to VCC for proper operation.
53
RSSI
Received-Signal-Strength Indicator Output. The analog DC voltage at RSSI indicates the input
signal power. The RSSI output is reduced approximately 120mV when LOS+ is asserted.
64
IN-
Inverting Data Input
75
IN+
Noninverting Data Input
8—
SUB
Substrate. Connect to ground.
9, 10
6, 7, 8
GND
Ground
11
9
CZP
Auto-Zero Capacitor Input. Connect a capacitor between CZP and CZN to determine the offset-
correction-loop bandwidth.
12
10
CZN
Auto-Zero Capacitor Input. Connect a capacitor between CZP and CZN to determine the offset-
correction-loop bandwidth.
13
11
VCCO
Output Buffer Supply Voltage. Connect to the same potential as VCC, but filter VCCO and VCC
separately.
14
12
OUT+
Noninverting PECL Data Output. Terminate with 50
Ω to (VCC - 2V).
15
13
OUT-
Inverting PECL Data Output. Terminate with 50
Ω to (VCC - 2V).
16
14
LOS-
Inverting Loss-of-Signal Output. LOS- is asserted low when input power drops below the LOS
threshold. For the MAX3964A/MAX3968, this pin is PECL compatible and should be terminated
with 50
Ω to (VCC - 2V). For the MAX3965, this output is TTL compatible and does not require
termination.
17
15
LOS+
Noninverting Loss-of-Signal Output. LOS+ is asserted high when input power drops below the
LOS threshold. For the MAX3964A/MAX3968, this pin is PECL compatible and should be
terminated with 50
Ω to (VCC - 2V). For the MAX3965, this output is TTL compatible and does not
require termination.
VCCO
MAX3964A/MAX3968: This pin can be left open or connected to the positive supply.
18
16
GNDO
MAX3965: This pin must be connected to ground.
19, 20
17, 18
VCC
+3.0V to +5.5V Supply Voltage
—EP
Exposed
Pad
Connect the exposed pad to board ground for optional electrical and thermal performance.


Similar Part No. - MAX3964A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964AC/D MAXIM-MAX3964AC/D Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964AETP MAXIM-MAX3964AETP Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964AETP++ MAXIM-MAX3964AETP+ Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
More results

Similar Description - MAX3964A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com