Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8201 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8201
Description  T3/DS3/E3/STS-1 Input/Output Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8201 Datasheet(HTML) 1 Page - Filtran LTD

  8201 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
T3/DS3/E3/STS-1
• Models matched to leading transceiver IC’s
•Return Loss requirements of G.703 exceeded
• 1500 Vrms isolation per UL1459 and UL 1950
•Extended operating temperature range of -40°C to +85°C
Input/Output Transformers
8200-8202
ELECTRICAL SPECIFICATION @ 25˚C
Mechanical and Schematic (All dimensions in inches)
SUGGESTED PAD LAYOUT
SCHEMATIC 1
SCHEMATIC 3
SCHEMATIC 2
Part
Number
Turns
Ratio
(±2%)
OCL
Primary
@ 25˚C
(µH MIN)
OCL
Primary
@ -40˚C
(µH MIN)
LL
(µH MAX)
CW/W
(pF MAX)
Bandwidth
75ohm
System
(MHz TYP)
Isolation
Voltage
(Vrms MIN)
Primary
Pins
Schematic
8200
1:1
100
40
0.110
10
0.200 - 340
1500
1-3
1
8201
1:2CT
40
19
0.110
12
0.250 - 500
1500
4-6
2
8202
1CT:1CT
40
19
0.100
10
0.200 - 340
1500
1-3
3
Unless otherwise specified, all tolerances are ±0.010


Similar Part No. - 8201

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8201 MALLORY-8201 Datasheet
209Kb / 2P
   MSD Pro Power Coil
logo
Christian Bürkert GmbH ...
8201 BURKERT-8201 Datasheet
1Mb / 18P
   pH measuring system for hygienic applica-tions
06.12.2021
logo
Norgren Ltd
820100-01KIT NORGREN-820100-01KIT Datasheet
2Mb / 8P
   General purpose filter/regulator Excelon® Plus Modular System
02/21
820100-02KIT NORGREN-820100-02KIT Datasheet
2Mb / 8P
   General purpose filter/regulator Excelon® Plus Modular System
02/21
logo
Powerex Power Semicondu...
82012 POWEREX-82012 Datasheet
188Kb / 4P
   Phase Control SCR (750-900 Amperes Avg 100-2200 Volts)
More results

Similar Description - 8201

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8215 FILTRAN-8215 Datasheet
184Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
8207 FILTRAN-8207 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com