Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

8100 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 8100
Description  T1/CEPT ISDN PRI Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

8100 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
T1/CEPT
An ISO 9001 Registered Company
Units matched to leading transceiver IC’s. Meet requirements for T1,E1,Cept and PRI ISDN over extended temperature range –40 to + 85°C.
TX
RX
CRYSTAL
61574
T1 & E1
8102
8102
61535A, 61574A, 61575, 6158A
T1
8101
8102
61535A, 61574A, 61575, 6158A
PCM-30,75
8103
8102
61535A, 61574A, 61575, 6158A
PCM-30,120
8105
8102
6152
8100
8102
61581
8102
8102
61584, 61584A
IQ3
8102
61584, 61582, 61583
IQ5
8101
8101
DALLAS
DS2186, DS2187
8100
8102
DS2151, DS2152, DS2153, DS2154
8101
8103
DS21352, DS21354
T1/E1
8102
8103
EXAR
T5650, T5620, T5675, T5681, T5683
8102
8102
56LL22, 56L85, C240, C260, C262, C277
8102
8102
T5791, T5793, T5794, T5795
8105
8103
T5684
8100
8102
T7288
CEPT1
8100
8102
PMC-SIERRA
PM4341,PM6341
8100
8102
ELECTRICAL SPECIFICATION @ 25˚C
DCR
(
Ω Max)
Part
Number
Turns Ratio
(Pri:Sec)
OCL
(mH Min)
Inter winding
Capacitance
(pF Max)
Leakage
Inductance
(uH Max)
PRI
SEC
Primary
Pins
Schematic
Hipot
(Vrms
Min)
8100
1:1.36
1.20
35
0.80
0.90
1.20
5-6
1
1500
8101
1:1.15CT
1.50
40
0.80
0.90
1.00
2-6
2
1500
8102
1CT:2CT
1.20
50
0.60
1.00
2.00
2-6
3
1500
8103
1CT:1CT
1.20
40
1.00
1.00
1.00
1-5
3
1500
8104
1CT:3CT
1.20
60
0.80
0.90
2.70
1-5
3
1500
8105
1:1/1.26
1.50
50
0.80
0.90
1.10
2-6
2
1500
ISDN PRI Transformers
8100-8105
MECHANICAL AND SCHEMATIC (All dimensions in inches)
TX
RX
LUCENT TECHNOLOGIES
T7288
CEPT
8100
8102
T7289
DS1
8101
8102
T7290A
T1 & CEPT
8100
8102
T7690
DS1
8101
8101
T7690
E1
8100
8100
T7693
DS1
8102
8102
LEVEL ONE
LXT 300, LXT301, LXT 305
8102
8102
LXT 304A, LXT 305A
T1
8101
8102
LXT 304A, LXT 305A
PCM-30, 75
8103
8102
LXT 304A, LXT 305A
PCM-30,120
8105
8102
LXT 310, LXT 311
8102
8103
LXT 318, LXT319
8102
8103
LXT 332
8102
8102
LXT 350/351/360/361/370
T1/E1
8102
ROCKWELL/BROOKTREE
UGA 510-1
8103
8102
BT8370
8100
8102
VLSI
VP14Q574
T1
8101
8102
VP14Q574
E1
8105
8102


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn