Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2058R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HAT2058R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2058R Datasheet(HTML) 2 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HAT2058R/HAT2058RJ
2
Absolute Maximum Ratings (Ta = 25
°C)
Ratings
Item
Symbol
HAT2058R
HAT2058RJ
Unit
Drain to source voltage
V
DSS
100
100
V
Gate to source voltage
V
GSS
±20
±20
V
Drain current
I
D
44
A
Drain peak current
I
D (pulse)
Note1
32
32
A
Body-drain diode reverse drain
current
I
DR
44
A
Avalanche current
I
AP
Note4
—4
A
Avalanche energy
E
AR
Note4
1.6
mJ
Channel dissipation
Pch
Note2
22
W
Pch
Note3
33
W
Channel temperature
Tch
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. 1 Drive operation; When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s
3. 2 Drive operation; When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s
4. Value at Tch = 25
°C, Rg ≥ 50 Ω


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn