Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2058R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HAT2058R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2058R Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAT2058R/HAT2058RJ
5
0.1
1
10
0.2
5
0.5
0.02
0.05
0.01
0.5
0.4
0.3
-40
0
40
80
120
160
0
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
2
0.5
1
0.8
0.6
0.4
0.2
0
48
12
16
20
I
= 4 A
D
1 A
2 A
50
20
0.2
0.1
V
= 4 V
GS
10 V
V
= 4 V
GS
10 V
I =1, 2 A
4 A
1, 2A
25
°C
Tc = -25
°C
75
°C
0.2
0.1
4 A
D
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Drain Current
ID (A)
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
DS
V
= 10 V
Pulse Test


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn