Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2058R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HAT2058R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2058R Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT2058R/HAT2058RJ
4
Main Characteristics
4.0
3.0
2.0
1.0
0
50
100
150
200
10
8
6
4
2
0
12
34
5
20
16
12
8
0
2
468
10
V
= 2.0 V
GS
6 V
4.0 V
Tc = 75
°C
25
°C
-25
°C
10 V
10
3
1
0.3
0.1
0.03
0.01
0.1
0.3
1
3
10
30
100
100
30
100
µs
10
µs
1 ms
PW
=
10
ms
4
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Operation in
this area is
limited by RDS(on)
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
V
= 10 V
DS
Pulse Test
Test condition :
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm), PW < 10 s
1 Drive
Operation
Ta = 25
°C
1 shot Pulse
1 Drive Operation
Note 6:
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm)
Note
5
DC
Operation
(PW
<
10
s)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn