Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7526 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 7526
Description  Choke Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

7526 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATION @ 25˚C
Choke
• Designed to reduce EMI and common mode noise
• Common mode attenuation from 100 kHz to 300 MHz
• For use with LAN and Telecom applications
• 1500 Vrms isolation
SCHEMATIC
SUGGESTED PAD LAYOUT
UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE ±0.010
Surface Mount Common Mode Choke
7526
MECHANICAL AND SCHEMATIC (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Common Mode Attenuation
(dB TYP)
Part
Number
No. of
Lines
Pri mary
Inductance
(µH MIN)
DCR
(Ω MAX)
300 kHz
1 MHz
10 MHz
30 MHz
50 MHz
100 MHz
300 MHz
500 MHz
7526
4
4700
1.00
-40
-50
-38
-28
-22
-11
-4
---


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM67Surface Mount Common Mode Chokes 1 2 3 4 5 List of Unclassifed Manufacturers
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
7116Through Hole Common Mode Choke 1 Filtran LTD
7198T1/E1 High Frequency Common Mode Choke 1 Filtran LTD
CEP4737Common Mode Inductors Horizontal PCB 1 Filtran LTD
MXB-0502-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1003-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2501-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
DTC114EM3T5GDigital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn