Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2566-1-V Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS2566-1-V
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-1-V Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS2566-1-V Datasheet HTML 7Page - California Eastern Labs PS2566-1-V Datasheet HTML 8Page - California Eastern Labs PS2566-1-V Datasheet HTML 9Page - California Eastern Labs PS2566-1-V Datasheet HTML 10Page - California Eastern Labs PS2566-1-V Datasheet HTML 11Page - California Eastern Labs PS2566-1-V Datasheet HTML 12Page - California Eastern Labs PS2566-1-V Datasheet HTML 13Page - California Eastern Labs PS2566-1-V Datasheet HTML 14Page - California Eastern Labs PS2566-1-V Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = ±10 mA
1.17
1.4
V
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
100
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 40 V, IF = 0 mA
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = ±1 mA, VCE = 2 V
200
2 000
%
CTR Ratio
*1
CTR1/
CTR2
IF = 1 mA, VCE = 2 V
0.3
1.0
3.0
Collector Saturation
Voltage
VCE (sat)
IF = ±1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 10 mA, RL = 100
100
µs
Fall Time
*2
tf
100
*1 CTR1 = IC1/IF1, CTR2 = IC2/IF2
IF1
IF2
IC1
IC2
VCE
*2 Test circuit for switching time
VCC
VOUT
RL = 100
50
IF
Pulse Input
PW = 1 ms
Duty Cycle = 1/10
Data Sheet PN10237EJ02V0DS
11
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Similar Part No. - PS2566-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2566-1-V NEC-PS2566-1-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2566-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1 CEL-PS2506-1 Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2506-4-A ETC2-PS2506-4-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1-A CEL-PS2506-1-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com