Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVT245B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVT245B
Description  3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT245B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVT245B Datasheet HTML 1Page - Texas Instruments SN74LVT245B Datasheet HTML 2Page - Texas Instruments SN74LVT245B Datasheet HTML 3Page - Texas Instruments SN74LVT245B Datasheet HTML 4Page - Texas Instruments SN74LVT245B Datasheet HTML 5Page - Texas Instruments SN74LVT245B Datasheet HTML 6Page - Texas Instruments SN74LVT245B Datasheet HTML 7Page - Texas Instruments SN74LVT245B Datasheet HTML 8Page - Texas Instruments SN74LVT245B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74LVT245B
3.3V ABT OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCES004H − JANUARY 1995 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Supports Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
description/ordering information
This octal bus transceiver is designed specifically for low-voltage (3.3-V) VCC operation, but with the capability
to provide a TTL interface to a 5-V system environment.
The SN74LVT245B is designed for asynchronous communication between data buses. The device transmits
data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are
effectively isolated.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74LVT245BRGYR
LX245B
SOIC − DW
Tube
SN74LVT245BDW
LVT245B
SOIC − DW
Tape and reel
SN74LVT245BDWR
LVT245B
SOP − NS
Tape and reel
SN74LVT245BNSR
LVT245B
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVT245BDBR
LX245B
−40 C to 85 C
TSSOP − PW
Tube
SN74LVT245BPW
LX245B
TSSOP − PW
Tape and reel
SN74LVT245BPWR
LX245B
VFBGA − GQN
Tape and reel
SN74LVT245BGQNR
LX245B
VFBGA − ZQN (Pb-free)
Tape and reel
SN74LVT245BZQNR
LX245B
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn