Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

6790 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 6790
Description  LAN 10/100 Base-T Single Port
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

6790 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Provides excellent EMI filtering
• Designed for use with data grade unshielded twisted pair cable (UTP-5)
• Suitable for adapter card cable and multiport applications
• Meets IEEE 802.3 and ANSI X3.263 standards, including 350µH OCL
with 8mA DC bias
SUGGESTED PAD LAYOUT
SCHEMATIC
.540
.030
.080
.400
.500
.018 TYP
.700
.100
.030±.004
.700±.005
1.000
.100
.009±.003
.268
6790
FD/C
.010±.002
0˚-8˚
15
14
16
6
5
7
11
12
10
1CT:1CT
TD-
CT
TD+
RD+
RD-
CT
TX-
CT
TX+
RX-
CT
RX+
3
1
2
UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE ±0.010
ELECTRICAL SPECIFICATION @ 25˚C
MECHANICAL AND SCHEMATIC (All dimensions in inches)
Insertion
Loss
(dB Max)
Return Loss
(dB Min @ 100Ω )
Differential to Common
Mode Rejection
(dB Min)
Crosstalk
(dB Typ)
Part
Number
0.1-100
MHz
1-30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
Hipot
(Vrms)
6790
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-50
1500
LAN
10/100 Base-T Single Port
Transformer Module
6790
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Turns Ratio @ 20 kHz, 0.5 V:
(1-2):(7-6)=1CT:1CT±2%
(15-16):(11-10)=1CT:1CT±2%
Inductance @ 100kHz, 100mV, 8mA:
350µH Min (15-16)
350µH Min (1-2)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn