Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6743 Datasheet(PDF) 1 Page - Filtran LTD

Part No. 6743
Description  V.32 Modem Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo FILTRAN - Filtran LTD

6743 Datasheet(HTML) 1 Page - Filtran LTD

  6743 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.40 TYP
2.54
0.85 TYP
1.70 TYP
PRI
600 ohm
346 ohm
SEC
SUGGESTED PAD LAYOUT
SCHEMATIC
V.32
Modem Transformer
6743
ELECTRICAL SPECIFICATION @ 25˚C
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
• Low distortion, suitable for use in V.32 application
• Operating temperature -40°C to +85°C
• Low cost
• Small size, low profile
• UL94V-0
Turns
Insertion
Frequency
Return
Longitudinal
DCR
DCR
Isolation
Part
Ratio
Loss
Response
Loss
Balance
PRI
SEC
Voltage (VAC)
Number
(±2%)
@ 1kHz, 20˚C
300Hz-3.5kHz
300Hz-3.5kHz
200Hz-4kHz
(±15%)
(±15%)
PRI-SEC&
dB MAX
dB
dB MIN
dB MIN
OHMS
OHMS
PRI-CORE
6743
1:1
3.11
-0.1 ±0.25
25
60
127
150
1250
MECHANICAL AND SCHEMATIC (All dimensions in millimetres)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn