Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TEP5606 Datasheet(PDF) 1 Page - Filtran LTD

Part No. TEP5606
Description  ISDN DC/DC Converter Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

TEP5606 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEP5606 is designed and ap-
proved to be used as a power
supply transformer with the
Siliconix SI 9105 device.
TEP5606 meets the CCITT I.430
requirements with reference to
various modes of operation.
Features:
Compact size
Efficient
Reinforced insulation
(TEP5606-1) in accordance
with IEC950, EN60950
C
L
H
W
A
B
S
DOT AT
PIN #1
1234
8765
Input Voltage
(3 - 4)
24 - 50 V
24 - 50 V
Output Voltage
(5 - 7) & (6 - 8)
2 x 5 V
2 x 5 V
Output Current
3 - 200 mA
3 - 200 mA
Turns Ratio
(3-4) : (1-2) : (5-7) : (6-8)
4.52 : 1.9 :1 :1
4.52 : 1.9 :1 :1
Inductance
(3 - 4)
> 3.3 mH
> 3.3 mH
Dielectric Strength
1500 V
4000 V
P/N
L
W
H
A
B
C
S
TEP5606
0.87 0.83 0.63 0.60 0.20 0.12
0.025
(22.0) (21.0) (16.0) (15.3) (5.1) (3.0)
(0.64)
DIMENSIONS, Inches (mm)
4
3
2
1
7
5
8
6
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3
3-12
Tel : (613) 226-1626 Fax : (613) 226-7124
ISDN
DC/DC Converter Transformer
TEP5606
ELECTRICAL SPECIFICATIONS
TEP5606
TEP5606-1
MECHANICAL


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn