Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STIL08-T5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STIL08-T5
Description  AC INRUSH CURRENT LIMITER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL08-T5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STIL08-T5 Datasheet HTML 3Page - STMicroelectronics STIL08-T5 Datasheet HTML 4Page - STMicroelectronics STIL08-T5 Datasheet HTML 5Page - STMicroelectronics STIL08-T5 Datasheet HTML 6Page - STMicroelectronics STIL08-T5 Datasheet HTML 7Page - STMicroelectronics STIL08-T5 Datasheet HTML 8Page - STMicroelectronics STIL08-T5 Datasheet HTML 9Page - STMicroelectronics STIL08-T5 Datasheet HTML 10Page - STMicroelectronics STIL08-T5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STIL
10/11
Table 6: Ordering Information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.8 Nm.
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
STIL04-P5
STIL04P5
PENTAWATT HV2
1.9 g
50
Tube
STIL04-T5
STIL04T5
PENTAWATT
3 g
50
Tube
STIL06-T5
STIL06T5
PENTAWATT
3 g
50
Tube
STIL08-T5
STIL08T5
PENTAWATT
3 g
50
Tube
Table 7: Revision History
Date
Revision
Description of Changes
October-2002
3A
Last update.
23-Nov-2004
4
STIL08-T5 added
06-Dec-2005
5
STIL04-T5 and STIL06-T5 added. ECOPAK statement
added
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.


Similar Part No. - STIL08-T5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
More results

Similar Description - STIL08-T5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Mean Well Enterprises C...
ICL-28R MEANWELL-ICL-28R Datasheet
199Kb / 5P
   28A AC Inrush Current Limiter
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG57 AMETHERM-SG57 Datasheet
360Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com