Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2510B-M Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # U2510B-M
Description  All-Band AM/FM Receiver and Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2510B-M Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button U2510B-M Datasheet HTML 7Page - TEMIC Semiconductors U2510B-M Datasheet HTML 8Page - TEMIC Semiconductors U2510B-M Datasheet HTML 9Page - TEMIC Semiconductors U2510B-M Datasheet HTML 10Page - TEMIC Semiconductors U2510B-M Datasheet HTML 11Page - TEMIC Semiconductors U2510B-M Datasheet HTML 12Page - TEMIC Semiconductors U2510B-M Datasheet HTML 13Page - TEMIC Semiconductors U2510B-M Datasheet HTML 14Page - TEMIC Semiconductors U2510B-M Datasheet HTML 15Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
U2510B
TEMIC Semiconductor
Rev. A1, 06-Apr-98
13 (15)
Coil Data and Special Component Part
Part
Stage
L or C0
between
Q0 between
Wire diameter/mm
Terminal No.
Number of turns
Type
Manufacturer
T1
AM IFT
180 pF
1 to 3
90
1 to 3
0.07
1 to 2
111
0.07
2 to 3
35
0.07
4 to 6
7
7MC-7789N
Toko
21K7-H5
Mitsumi
T2
AM OSC
270
mH
1 to 3
125
1 to 3
0.06
1 to 3
107
0.06
4 to 6
29
7TRS-8441
Toko
L-5K7-H5
Mitsumi
T3
FM IFT
(optional)
100 pF
1 to 3
0.09
1 to 2
3
0.09
2 to 3
7
0.09
4 to 6
2
mat.:
7P A119 AC
Toko
T4
FM discrimi-
nator
100 pF
1 to 3
0.09
1 to 3
10
mat.:
7P A119 AC
Toko
L1
FM RF
air coil
4 mm diam.
0.62
3.75
L2
FM OSC
air coil
4 mm diam.
0.62
3.75
L4
FM antenna
air coil
4 mm diam.
0.62
4.75
L3
AM bar antenna
L: 630
mH
total turns : 96
tap: 19
BPF1
(optional)
PFWE8 (88 to 108 MHz)
Soshin Electric Co.
CF1
SFU-455B
BFCFL-455
Murata
Toko
CF2
SFE10.7MA5
CFSK 107M1
Murata
Toko
CF3
(optional)
CDA10.7MC1
Murata
C1
Variable capacitor
HD22124
AM/FM
Toko
4
6
3
2
4
4 mm
Pin 10
C
1
Pin 8
18 mm
3 mm
80 mm
Coil, bottom view
Air coil
AM bar antenna
13931
Figure 20.


Similar Part No. - U2510B-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2510B-M ATMEL-U2510B-M Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
U2510B-MT ATMEL-U2510B-MT Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
More results

Similar Description - U2510B-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
ATMEL Corporation
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com