Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF82M1-GMCAVXX Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MF82M1-GMCAVXX
Description  8/16-bit Data Bus Flash Memory Card
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MF82M1-GMCAVXX Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MITSUBISHI MEMORY CARD
FLASH MEMORY CARDS
MITSUBISHI
ELECTRIC
4/22
Feb.1999 Rev2.0
Write protect mode
The card has a write protect switch on the opposite
edge to the connector edge. When it is switched on,
the card will be placed into a write protect mode,
where data can be read from the card but it cannot
be written to it. The WP output pin is set to a high
level when the card is in write protect mode and V CC
is applied. When the card is not in write protect
mode the WP output pin is set to a low level when
V CC is applied. By reading the state of the WP
output the host system can easily check whether the
card is in write protect mode or not.
FUNCTION TABLE (COMMON MEMORY)
Mode
A0
I/O
(D15 to D8)
I/O
(D7 to D0)
Standby
H
H
H
X
X
X
High-Z
High-Z
Read A(16-bit)
H
L
L
L
H
X
Odd byte data out
Even byte data out
H
H
L
L
H
L
High-Z
Even byte data out
H
H
L
L
H
H
High-Z
odd byte data out
Read C(8-bit)
H
L
H
L
H
X
Odd byte data out
High-Z
H
L
L
H
L
X
Command or odd byte data in
Command or even byte data in
H
H
L
H
L
L
High-Z
Command or even byte data in
H
H
L
H
L
H
High-Z
Command or odd byte data in
H
L
H
H
L
X
Command or odd byte data in
High-Z
Output disable
H
X
X
H
H
X
High-Z
High-Z
Note 1 : H=V IH, L=V IL, X=V IH or VIL, High-Z= High-impedance
To operate refer to the command definition, algorithms and so on.
FUNCTION TABLE (ATTRIBUTE MEMORY )
GM series
Mode
A0
I/O
(D15 to D8)
I/O
(D7 to D0)
Standby
L
H
H
X
X
X
High-Z
High-Z
Read A(16-bit)
L
L
L
L
H
X
Data out(not valid)
Even byte data out
Read B
L
H
L
L
H
L
High-Z
Even byte data out
(8-bit)
L
H
L
L
H
H
High-Z
Data out(not valid)
Read C(8-bit)
L
L
H
L
H
X
Data out(not valid)
High-Z
Write A(16-bit)
L
L
L
H
L
X
Odd byte data in (not valid)
Even byte data in
Write B
L
H
L
H
L
L
High-Z
Even byte data in
(8-bit)
L
H
L
H
L
L
High-Z
Odd byte data in (not valid)
Write C(8-bit)
L
L
H
H
L
X
Odd byte data in (not valid)
High-Z
Output disable
L
X
X
H
H
X
High-Z
High-Z
GN series
Mode
A0
I/O
(D15 to D8)
I/O
(D7 to D0)
Standby
L
H
H
X
X
X
High-Z
High-Z
Read A(16-bit)
L
L
L
L
H
X
Data out(not valid)
Data out ( FFh)
Read B
L
H
L
L
H
L
High-Z
Data out ( FFh)
(8-bit)
L
H
L
L
H
H
High-Z
Data out(not valid)
Read C(8-bit)
L
L
H
L
H
X
Data out(not valid)
High-Z
Output disable
L
X
X
H
H
X
High-Z
High-Z
Note 2 : H=V IH, L=V IL, X=V IH or VIL, High-Z= High-impedance
Read B(8-bit)
Write B(8-bit)
Write A(16-bit)
Write C(8-bit)
CE2#
REG#
CE1#
OE#
WE#
CE2#
REG#
CE1#
OE#
WE#
CE2#
REG#
CE1#
OE#
WE#


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0032M-11ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M45PE101 Mbit Low Voltage Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
ES25P1616Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface 1 2 3 4 5 MoreExcel Semiconductor Inc.
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M25P05-A512 Kbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn