Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA9380-B21 Datasheet(PDF) 30 Page - Micronas

Part # SDA9380-B21
Description  EDDC Enhanced Deflection Controller and RGB Processor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9380-B21 Datasheet(HTML) 30 Page - Micronas

Back Button SDA9380-B21 Datasheet HTML 26Page - Micronas SDA9380-B21 Datasheet HTML 27Page - Micronas SDA9380-B21 Datasheet HTML 28Page - Micronas SDA9380-B21 Datasheet HTML 29Page - Micronas SDA9380-B21 Datasheet HTML 30Page - Micronas SDA9380-B21 Datasheet HTML 31Page - Micronas SDA9380-B21 Datasheet HTML 32Page - Micronas SDA9380-B21 Datasheet HTML 33Page - Micronas SDA9380-B21 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
SDA 9380 - B21
Preliminary Data Sheet
System description
Micronas
5-22
2001-01-29
- NOISYVCR:Handling of noisy input signals in VCR mode
0: normal handling
1: improved handling
Note: this bit is don’t care if bit VCR = 0 (TV mode)
- HSWMI:
Minimum width of HSYNC
0: 1.5µs
1: 0.8µs
- TC_3RD:
Third time constant
0: slow VCR time constant
1: fast VCR time constant
Note: this bit is don’t care if bit VCR = 0 (TV mode)
Warnings/Notes:
1) A change of INCR causes changes of the generated clock frequency more than the
specified 4.5%.
Switching from PLL mode to Generator mode (GENMOD) with constant INCR values does not
result in exceeding the specified frequency deviation range.
2) If pin SSD has H-level the output signal HD starts immediately after power on. In this case the
starting horizontal frequency is 31.25kHz (if FH1_2 = High). Starting with other frequencies requires
L-level at SSD so that INCR can be changed before enabling HD with HDE=1.
3) When SSD = High and FH1_2 = Low the horizontal frequency is fixed to 18.75 kHz (INCR = 20)
and cannot be changed via I²C bus. Other H-frequencies in the range of 15.6 kHz to 19 kHz are pos-
sible when SSD = Low.
4) The timing of the built-in soft start circuit (starting frequency, period, ending frequency) depends
on INCR. The starting frequency of the output HD is approx. 1.71* FH, the frequency stops at FH
defined by INCR (see table on previous page) The total soft start takes about 2.66*10³/FH. If the fre-
quency of the HSYNC input signal is outside the lock range of the PLL (+/- 4.5%), that means the
PLL cannot lock, the timing of the soft start may change max. +/- 4.5% due to the unlocked PLL.


Similar Part No. - SDA9380-B21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA9380 INFINEON-SDA9380 Datasheet
59Kb / 2P
   EDDC MEGAVISION IC set to support single chip back end solutions for SDTV up to HDTV CRTs
More results

Similar Description - SDA9380-B21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
DDP3310B MICRONAS-DDP3310B Datasheet
1Mb / 60P
   Display and Deflection Processor
DDP3300A MICRONAS-DDP3300A Datasheet
1Mb / 53P
   Single-Chip Display and Deflection Processor
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Hitachi Semiconductor
HA11517BNT HITACHI-HA11517BNT Datasheet
121Kb / 5P
   DISPLAY DEFLECTION SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com