Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2137J Datasheet(PDF) 1 Page - International Rectifier

Part # IR2137J
Description  3-PHASE BRIDGE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137J Datasheet(HTML) 1 Page - International Rectifier

  IR2137J Datasheet HTML 1Page - International Rectifier IR2137J Datasheet HTML 2Page - International Rectifier IR2137J Datasheet HTML 3Page - International Rectifier IR2137J Datasheet HTML 4Page - International Rectifier IR2137J Datasheet HTML 5Page - International Rectifier IR2137J Datasheet HTML 6Page - International Rectifier IR2137J Datasheet HTML 7Page - International Rectifier IR2137J Datasheet HTML 8Page - International Rectifier IR2137J Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HOP1,2,3
HON1,2,3
LOP1,2,3
LON1,2,3
BR
VS1,2,3
VB1,2,3
LS1,2,3
COM
LIN1,2,3
HIN1,2,3
FAULT
FLTCLR
ITRIP
VCC
VSS
BRIN
SD
DESAT1,2,3
3
uP,Control
Current Feedback
15V
DC
BUS
2137/
2237
U
V
W
Motor
GND
HSSD1,2,3
LSSD1,2,3
3
3
Typical Connection
3-PHASE BRIDGE DRIVER
Packages
Features
Floating channel up to +600V or +1200V
“soft” over-current shutdown turns off all six
outputs
Integrated high side desaturation circuit
Controlled “soft” turn on for EMI reduction
Integrated brake IGBT driver
Three independent low side COM pins
Separate pull-up/pull-down output drive pins
Matched delay outputs
3.3V logic compatible
Under voltage lockout with hysteresis band
Description
Product Summary
VOFFSET
600V max. or 1200V max.
IO+/-
220mA / 460mA
VOUT
12.5V - 20V
Brake Io+/-
40mA/80mA
Matched delay
75nsec
Deadtime (typ.)
300 nsec
DESAT Blanking time (typ.)
2.0usec
DESAT input voltage
threshold (typ.)
Vt+ = 5.0V
64-Lead MQFP
68-Lead PLCC
www.irf.com
1
The IR2137/IR2237(J)(Q) are a high voltage, high
speed 3-phase IGBT driver best suited for AC motor
drive applications. Integrated desaturation logic pro-
vides ground fault protection as well as other mode of
over current protection. Soft shutdown is initiated in
the event of any overcurrent/ground fault conditions,
and all six outputs are simultaneously turned off. Out-
put drivers have separate turn on/off pins to facilitate
independent gate drive impedance with EMI soft turn
on. Optimum matched delays between phases, and
between high/low side enables small deadtime, thus
improving low speed performance. The brake driver
eliminates additional circuits.
IR2137/IR2237(J)(Q)
Data Sheet No. PD60170-G
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.


Similar Part No. - IR2137J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT_15 Datasheet
90Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
More results

Similar Description - IR2137J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com