Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74063-36 Datasheet(PDF) 19 Page - Skyworks Solutions Inc.

Part # CX74063-36
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-36 Datasheet(HTML) 19 Page - Skyworks Solutions Inc.

Back Button CX74063-36 Datasheet HTML 15Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 16Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 17Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 18Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 19Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 20Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 21Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 22Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 23Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
Skyworks Solutions, Inc., Proprietary and Confidential
19
103116C
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
NOVEMBER 25, 2003
Table 6. CX74063-3x Electrical Specifications – EGSM/GSM850 Receiver (3 of 3)
(TA = 25
° C, VCC = 2.8 V unless otherwise noted)
Parameter
Symbol
Test Condition
(Note 1)
Min
Typical
Max
Units
Output offset voltage
With DC offset
corrected while LNA is
off
TA = +85
°C
With DC offset
corrected while LNA is
on
G=15/40/10/12/0/18
TA = +85
°C
(60
µs total DC
correction time)
200
220
20
25
mV
mV
mV
mV
Offset drift (long term)
DCDRFT1
50 ms after correction
G = 15/40/10/12/0/18
100
mV
Offset drift (short term)
DCDRFT2
577
µs after correction
G = 15/40/10/12/0/18
10
mV
Baseband Tunable Active Filter
3 dB corner frequency (tunable)
FC
80
100
kHz
Corner frequency variation
dFC
39.2 k
Ω at pin 29
470 pF at pins 25-26
and 27-28
–11
+11
%
Receiver Output Stage
Differential output amplitude
(pk/pk differential)
VGA2 = 30 dB
VGA2 = 0 dB
3.7
0.3
V
V
Output common mode voltage
TA = –30
°C to +85 °C
VCC/2 – 0.1
VCC/2
VCC/2 + 0.1
V
Maximum current drive
IOUT
0.5
mA
Output resistance
ROUT
RXENA = H,
RXENA = L, differential
RXENA = L, single-
ended
160
>1M
200
40k
240
Output capacitance
COUT
1
pF
Note 1: Gain codes refer to LNA/Mixer/LPF1/VGA1/AUX/VGA2 gains in dB.


Similar Part No. - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com