Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CX74063-26 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. CX74063-26
Description  RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

CX74063-26 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Data Sheet I CX74063-26
Skyworks Solutions, Inc., Proprietary and Confidential
5
103052A
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
MAY 16, 2003
Table 1. CX74063-26 Signal Descriptions (2 of 5)
Pin #
Name
Description
Equivalent Circuit
11
LNA1800IN
DCS LNA input
12
PDET
Feedback Input to power control loop
13
LNA1900IN
PCS LNA input
14
NC
No connect
No connect
15
NC
No connect
No connect
16
PAVAPC
PA control output
Vout
17
BBVAPC
PA control Baseband input
18
TXIP
TX I baseband input positive
19
TXIN
TX I baseband input negative
20
TXQP
TX Q baseband input positive
21
TXQN
TX Q baseband input negative
22
TXFP
TX IF filter output positive
23
TXFN
TX IF filter output negative


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
CX74063RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller 1 2 Skyworks Solutions Inc.
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
SKY77331Power Amplifier Module with Integrated Coupler for Quad-Band GSM / EDGE 1 2 Skyworks Solutions Inc.
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
BGY284Power amplifier with integrated control loop for GSM850 EGSM900 DCS1800 & PCS1900 1 2 3 4 5 MoreNXP Semiconductors
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
BQ24750Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection 1 2 3 4 5 MoreTexas Instruments
MAX5953AIEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs 1 2 3 4 5 MoreMaxim Integrated Products
IRAMX16UP60BIntegrated Power Hybrid IC for Appliance Motor Drive Applications. 16A 600V with Internal Shunt Resistor 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn