Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74063-3X Datasheet(PDF) 16 Page - Skyworks Solutions Inc.

Part # CX74063-3X
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-3X Datasheet(HTML) 16 Page - Skyworks Solutions Inc.

Back Button CX74063-3X Datasheet HTML 12Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 13Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 14Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 15Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 16Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 17Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 18Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 19Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 20Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
16
Skyworks Solutions, Inc., Proprietary and Confidential
NOVEMBER 25, 2003
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
103116C
If the part is manually attached, precaution should be taken to
ensure that the part is not subjected beyond a maximum
temperature of 260 °C or exceeds 255 °C for more than
15 seconds. Care must be taken when this product is attached,
whether it is done manually or in a production solder reflow
environment, to NOT heat the part beyond the recommended
temperature. Measure the temperature on the package itself
by attaching thermocouples to the package body.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the
Skyworks’ Application Note, Tape and Reel, document number
101568. Typical case markings for the CX74063-3x are shown
in Figure 31.
Electrostatic Discharge
The CX74063-3x contains Class 1 devices. The following
Electrostatic Discharge (ESD) precautions are recommended:
• Protective outer garments
• Handle device in ESD safeguarded work area
• Transport device in ESD shielded containers
• Monitor and test all ESD protection equipment
• Treat the CX74063-3x as extremely sensitive to ESD
Table 3. CX74063-3x Absolute Maximum Ratings
Parameter
Minimum
Maximum
Units
Supply voltage (VCC)
–0.3
+3.6
V
Ambient operating temperature range
–40
+95
°C
Storage temperature range
–50
+125
°C
Input voltage range
GND
VCC
V
Maximum power dissipation
600
mW
Note:
Stresses above these absolute maximum ratings may cause permanent damage. These are
stress ratings only and functional operation at these conditions is not implied. Exposure to
maximum rating conditions for extended periods may reduce device reliability.
Table 4. CX74063-3x Recommended Operating Conditions
Parameter
Minimum
Typical
Maximum
Units
LNA input level (pins 9, 11, 13)
RXEN = Off
10
dBm
Power supply
2.6
2.8
3.3
V
Digital power supply, VDDBB
1.8
3.3
V
Operating junction temperature
–40
+110
°C
Operating ambient temperature
–30
+85
°C


Similar Part No. - CX74063-3X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-3X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com