Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74063-3X Datasheet(PDF) 31 Page - Skyworks Solutions Inc.

Part # CX74063-3X
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-3X Datasheet(HTML) 31 Page - Skyworks Solutions Inc.

Back Button CX74063-3X Datasheet HTML 27Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 28Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 29Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 30Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 31Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 32Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 33Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 34Page - Skyworks Solutions Inc. CX74063-3X Datasheet HTML 35Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
Skyworks Solutions, Inc., Proprietary and Confidential
31
103116C
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
NOVEMBER 25, 2003
Table 11. CX74063-3x Electrical Specifications – Digital Interface
(TA = 25
° C, VCC = 2.8 V unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Data to clock setup time (Note 1)
TCS
30
ns
Data to clock hold time (Note 1)
TCH
10
ns
Clock pulse width high (Note 1)
TCWH
30
ns
Clock pulse width low (Note 1)
TCWL
30
ns
Clock to load enable setup time (Note 1)
TES
30
ns
Load enable pulse width (Note 1)
TEW
50
ns
LE falling edge to clock rising edge
(Note 1)
TEFC
30
ns
RXENA setup time
TXENA setup time
SXENA setup time
30
30
30
ns
ns
ns
High level input voltage for RXENA,
TXENA, DATA, CLK, LE, PCO, VCXO_EN,
and SXENA
VIH
0.8
×
VDDBB
V
Low level input voltage for RXENA,
TXENA, DATA, CLK, LE, PCO, VCXO_EN,
and SXENA
VIL
0.2
×
VDDBB
V
High level input current for RXENA,
TXENA, DATA, CLK, LE, PCO, VCXO_EN,
and SXENA
IIH
–1
+1
µA
Low level input current for RXENA,
TXENA, DATA, CLK, LE, PCO, VCXO_EN,
and SXENA
IIL
–1
+1
µA
Digital input pin capacitance for RXENA,
TXENA, DATA, CLK, LE, PCO, VCXO_EN,
and SXENA
CID
10
pF
High level output voltage for PCO
VOH
IOH = –1.0 mA
VDDBB – 0.4
V
Low level output voltage for PCO
VOL
IOL = 1.0 mA
0.4
V
Digital output pin load capacitance for
PCO
CLD
15
pF
Note 1: See Figure 9.


Similar Part No. - CX74063-3X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-3X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com