Electronic Components Datasheet Search |
|
MAX3318EIPW Datasheet(PDF) 2 Page - Texas Instruments |
|
|
MAX3318EIPW Datasheet(HTML) 2 Page - Texas Instruments |
2 / 18 page www.ti.com ABC MAX3318E 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION SLLS741 – JUNE 2006 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING Tube of 70 MAX3318ECDB SSOP – DB MP318EC Reel of 2000 MAX3318ECDBR –0 °C to 70°C Tube of 70 MAX3318ECPW TSSOP – PW MP318EC Reel of 2000 MAX3318ECPWR Tube of 70 MAX3318EIDB SSOP – DB MP318EI Reel of 2000 MAX3318EIDBR –40 °C to 85°C Tube of 70 MAX3318EIPW TSSOP – PW MP318EI Reel of 2000 MAX3318EIPWR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. DETAILED DESCRIPTION Flexible control options for power management are featured when the serial port and driver inputs are inactive. The auto-power-down plus feature functions when FORCEON is low and FORCEOFF is high. During this mode of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to 1 µA. By disconnecting the serial port or placing the peripheral drivers off, auto-power-down plus can be disabled when FORCEON and FORCEOFF are high. With auto-power-down plus enabled, the device activates automatically when a valid signal is applied to any receiver or driver input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less than 30 µs (typical number). INVALID is low (invalid data) if all receiver input voltage are between –0.3 V and 0.3 V for more than 30 µs (typical number). 2 Submit Documentation Feedback |
Similar Part No. - MAX3318EIPW |
|
Similar Description - MAX3318EIPW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |