Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKM-E81 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # CKM-E81
Description  USB Hub with Memory Card Reader/Writer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

CKM-E81 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  CKM-E81 Datasheet HTML 1Page - Mitsumi Electronics, Corp. CKM-E81 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
USB Hub with Memory Card Reader/Writer
CKM-E81 Series
1. Ultra-light, compact design. Excellent
portability.
2. Equipped with a 3-port, downstream
MemoryCard reader/writer.
3. Supports both bus power/self power.
4. Equipped with a function that automatically
cuts off a port that has overcurrent.
5. Signal transmission speed supports full speed
(12Mbps) and low speed (1.5Mbps).
Connectors
E81-003-4194-A
12
3
4
1 Series No.
2 Number of downstream ports (003 : 3ports)
3 Product Specifications No.
4 Memory Card Composition.
A : Memory Stick and SD Memory Card
B : Memory Stick
C : SD Memory Card
Rating
6V/1.8A (Self powered)
5V/500mA (Bus powered)
Supported Standards
USB(1.1), Memory Stick, SD Memory Card, Multi Media Card
Downstream Port
3Ports
Power Supply Method
Bus powered/Self powered
OS
Windows98, 98SE, Me, 2000, XP
FEATURES
HOW TO ORDER
SPECIFICATIONS


Similar Part No. - CKM-E81

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CKM-E25 MITSUMI-CKM-E25 Datasheet
134Kb / 2P
   Mini USB Hub
More results

Similar Description - CKM-E81

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U352000SDR TRIPPLITE-U352000SDR Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed SDXC Memory Card Media Reader-Writer
logo
IOGEAR
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
logo
Tripp Lite. All Rights ...
U352-000-MD-AL TRIPPLITE-U352-000-MD-AL Datasheet
496Kb / 2P
   USB 3.0 SuperSpeed Multi-Drive Memory Card Reader/Writer, Aluminum Case
logo
IOGEAR
GFR381 IOGEAR-GFR381 Datasheet
145Kb / 3P
   SuperSpeed USB 3.0 Multi-Card Reader/Writer
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
   USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
   SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
   Motor Driven Card Reader/Writer
logo
List of Unclassifed Man...
SDDR-99-A15 ETC2-SDDR-99-A15 Datasheet
374Kb / 44P
   ImageMate USB 2.0 Reader/Writer User Guide
logo
Omron Electronics LLC
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
   Motor Driven Card Reader/Writer
logo
Tripp Lite. All Rights ...
U452-003 TRIPPLITE-U452-003 Datasheet
508Kb / 3P
   USB 3.1 Gen 1 USB Type-C (USB-C) Multi-Drive Smart-Card Flash-Memory Media Reader/Writer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com