Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS2574-2 Datasheet(PDF) 1 Page - Filtran LTD

Part # TFS2574-2
Description  T1/CEPT Input Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TFS2574-2 Datasheet(HTML) 1 Page - Filtran LTD

  TFS2574-2 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TFS 2574 is specifically designed for
use as a Line Input Transformer in
T1/CEPT applications.
It has been approved by MITEL for
use with their MH89760 and
MH89790 devices.
TFS2574 is available in five ver-
sions: - 0, -2, -3, -4 and -5 for 100,
120 and 75/120
Ω line impedances.
Also suitable as Input/Ouput trans-
former for other makes of T1/CEPT
interface devices.
Typical applications are:
PBX or computer to T1/CEPT
Digital Trunks.
High speed data link using
T1/CEPT Digital Trunk.
TDM Multiplexers.
ISDN Primary Rate.
Line Impedance:
T1 (MH89760)
100
CEPT(MH89790)
75
120
120
75/120
75
DCR (Ohms)
(1 - 8)
0.6
0.37
0.6
0.41
0.41
(3 - 6) & (4 - 5)
0.7
0.64
0.6
0.62
0.75
Inductance (mH)
(1 - 8)
> 2.2mH
> 1.07mH
> 1.5mH
> 1.20mH
> 0.8mH
(1 - 7)
> 1.9mH
Turns Ratio
(1 - 8):(3 - 6):(4 - 5)
1:1:1
1.25:1:1
1.25:1:1
1:1:1
1:1:1
(1 - 7):(1 - 8)
1.26:1
Dielectric Strength (V rms)
1500
1500
1500
1500
1500
Applicable documents:
Longitudinal Bal.
ANSI T1.408
yes
n/a
n/a
n/a
n/a
CCITT I.431
yes
yes
yes
yes
yes
Return Loss
ANSI T1.408
yes
n/a
n/a
n/a
n/a
CCITT G.703
yes
yes
yes
yes
yes
BT BS6328
n/a
n/a
n/a
n/a
yes
T1/CEPT
Input Transformer
TFS 2574
TFS2574 , -2 , -3 , -5
Hole arrangement
View in mounting direction
DIA 0.047"
DIA 0.060"
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3
2-10
Tel : (613) 226 1626 Fax : (613) 226 7124
TFS2574-4
com 1
Line 75 8
120 7
3
device
6
1
Line
8
3
device
6
4
device
5
4
device
5
ELECTRIAL SPECIFICATIONS
TFS2574
-2
- 3
-4
-5
MECHANICAL
All dimensions
are in inches
TFS2574
T1
Intput Transformer
Through Hole
Standard ....................................................
2-10


Similar Part No. - TFS2574-2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
logo
Filtran LTD
TFS2573 FILTRAN-TFS2573 Datasheet
23Kb / 1P
   T1/DS1 Output Transformer
TFS2573-1 FILTRAN-TFS2573-1 Datasheet
23Kb / 1P
   T1/DS1 Output Transformer
TFS2573-2 FILTRAN-TFS2573-2 Datasheet
23Kb / 1P
   T1/DS1 Output Transformer
More results

Similar Description - TFS2574-2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW5915 FILTRAN-TEW5915 Datasheet
34Kb / 1P
   CEPT /T1 Input Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
   CEPT/T1 Input Transformer
TEW5719 FILTRAN-TEW5719 Datasheet
32Kb / 1P
   CEPT/T1 Input Transformer
TEW5111 FILTRAN-TEW5111 Datasheet
35Kb / 1P
   CEPT/T1 Input Transformer
TEW4922 FILTRAN-TEW4922 Datasheet
52Kb / 1P
   CEPT/T1 Input Transformer
TEW5328 FILTRAN-TEW5328 Datasheet
26Kb / 1P
   CEPT/T1 Input Transformer
TEW5913 FILTRAN-TEW5913 Datasheet
20Kb / 1P
   CEPT /T1 Input Transformer
TEW5363 FILTRAN-TEW5363 Datasheet
25Kb / 1P
   CEPT /T1 Input Transformer
TEW5281 FILTRAN-TEW5281 Datasheet
50Kb / 1P
   CEPT /T1 Input Transformer
TEW5736 FILTRAN-TEW5736 Datasheet
20Kb / 1P
   CEPT/T1 Input/Output Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com