Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1021SK Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1021SK
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021SK Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1021SK Datasheet HTML 4Page - Texas Instruments CC1021SK Datasheet HTML 5Page - Texas Instruments CC1021SK Datasheet HTML 6Page - Texas Instruments CC1021SK Datasheet HTML 7Page - Texas Instruments CC1021SK Datasheet HTML 8Page - Texas Instruments CC1021SK Datasheet HTML 9Page - Texas Instruments CC1021SK Datasheet HTML 10Page - Texas Instruments CC1021SK Datasheet HTML 11Page - Texas Instruments CC1021SK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
CC1021
SWRS045
Page 8 of 91
4.2.
RF Receive Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Receiver Sensitivity, 433 MHz, FSK
38.4 kHz channel filter BW (1)
102.4 kHz channel filter BW (2)
102.4 kHz channel filter BW (3)
307.2 kHz channel filter BW (4)
Receiver Sensitivity, 868 MHz, FSK
38.4 kHz channel filter BW (1)
102.4 kHz channel filter BW (2)
102.4 kHz channel filter BW (3)
307.2 kHz channel filter BW (4)
-109
-104
-104
-96
-108
-103
-103
-94
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10 3
(1) 38.4 kHz receiver channel
filter bandwidth: 4.8 kBaud, NRZ
coded data, ±4.95 kHz frequency
deviation.
(2) 102.4 kHz receiver channel
filter bandwidth: 19.2 kBaud,
NRZ coded data, ±19.8 kHz
frequency deviation.
(3) 102.4 kHz receiver channel
filter bandwidth: 38.4 kBaud, NRZ
coded data, ±19.8 kHz frequency
deviation.
(4) 307.2 kHz receiver channel
filter bandwidth: 153.6 kBaud,
NRZ coded data, ±72 kHz
frequency deviation.
See Table 19 and Table 20 or
typical sensitivity figures at other
channel filter bandwidths.
Receiver sensitivity, 433 MHz, OOK
9.6 kBaud
153.6 kBaud
Receiver sensitivity, 868 MHz, OOK
9.6 kBaud
153.6 kBaud
-103
-81
-104
-87
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10 3
Manchester coded data.
See Table 27 for typical
sensitivity figures at other data
rates.
Saturation (maximum input level)
FSK and OOK
10
dBm
FSK: Manchester/NRZ coded
data
OOK: Manchester coded data
BER = 10 3
System noise bandwidth
38.4
to
307.2
kHz
The receiver channel filter 6 dB
bandwidth is programmable from
38.4 kHz to 307.2 kHz. See
section 12.2 on page 30 for
details.
Noise figure, cascaded
433 and 868 MHz
7
dB
NRZ coded data


Similar Part No. - CC1021SK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021-RTB1 TI1-CC1021-RTB1 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021-RTR1 TI1-CC1021-RTR1 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSS TI1-CC1021RSS Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021SK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com