Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM810TENB713 Datasheet(PDF) 10 Page - Microchip Technology

Part # TCM810TENB713
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810TENB713 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TCM810TENB713 Datasheet HTML 6Page - Microchip Technology TCM810TENB713 Datasheet HTML 7Page - Microchip Technology TCM810TENB713 Datasheet HTML 8Page - Microchip Technology TCM810TENB713 Datasheet HTML 9Page - Microchip Technology TCM810TENB713 Datasheet HTML 10Page - Microchip Technology TCM810TENB713 Datasheet HTML 11Page - Microchip Technology TCM810TENB713 Datasheet HTML 12Page - Microchip Technology TCM810TENB713 Datasheet HTML 13Page - Microchip Technology TCM810TENB713 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TCM809/TCM810
DS21661C-page 10
 2004 Microchip Technology Inc.
4.2
Product Tape and Reel Specifications
FIGURE 4-1:
EMBOSSED CARRIER DIMENSIONS (8, 12, 16, AND 24 MM TAPE ONLY)
FIGURE 4-2:
3-LEAD SOT-23/SC70 DEVICE TAPE AND REEL SPECIFICATIONS
Top
Cover
Tape
K0
P
W
B0
A0
TABLE 1:
CARRIER TAPE/CAVITY DIMENSIONS
Case
Outline
Package
Type
Carrier
Dimensions
Cavity
Dimensions
Output
Quantity
Units
Reel
Diameter in
mm
W
mm
P
mm
A0
mm
B0
mm
K0
mm
NB
SOT-23
3L
8
4
3.15
2.77
1.22
3000
180
LB
SC-70
3L
8
4
2.4
2.4
1.19
3000
180
User Direction of Feed
P, Pitch
Standard Reel Component Orientation
Reverse Reel Component Orientation
W, Width
of Carrier
Tape
Pin 1
Pin 1
Device
Marking


Similar Part No. - TCM810TENB713

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM810TENB TELCOM-TCM810TENB Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results

Similar Description - TCM810TENB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com