Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEW4994-2 Datasheet(PDF) 1 Page - Filtran LTD

Part # TEW4994-2
Description  CEPT /T1 input/output Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TEW4994-2 Datasheet(HTML) 1 Page - Filtran LTD

  TEW4994-2 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEW4994 is designed to be used either as a
transmit or a receive transformer in the ISDN
primary access network, interfacing SIEMENS
PEB2235 and PEB2236 to a 75, 100 or 120 ohm
line.
When in transmit mode, connect the two primary
windings in parallel, pin 1 to 2 and pin 5 to 6.
When in receive mode, connect the two primary
windings in series, pin 5 to pin 2, thus forming a
center tap at pin 5/2.
Typical applications are:
Primary rate ISDN network nodes.
PBX or computer to T1/CEPT Digital trunks.
TDM Multiplexers.
Line Impedance
75
100
120
75/120
Inductance (mH)
(4-8)
> 2.0
> 3.4
> 2.0
> 2.0
Turns ratio
(1-5):(2-6):(4-8)
1:1:1.57
1:1:2.67
1:1: 2
1:1:2
(1-5):(2-6):(4-7)
1:1:1.57
Pulse Mask
CEPT
T1/DS1
CEPT
CEPT
Longitud. Bal.
I.431
T1.408
I.431
I.431
Return Loss
G.703
T1.408
G.703
G.703
Dielectric Strength (V rms)
1500
1500
1500
1500
DRILL 0.040
8 PLACES
GRID 0.10 x 0.10
WHITE DOT
0.45 MAX
85
14
DIA 0.025
0.10 MIN
DIMENSIONS ARE
IN INCHES
0.50 MAX
0.50
MAX
TEW4994, -1 and -2
All dimensions
are in inches
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3,
2-23
Tel : (613) 226 1626 Fax : (613) 226 7124
CEPT /T1
input/output Transformer
TEW 4994
WHITE DOT
AT PIN 1
1
5
2
6
4
Line
8
Drill
0.040"
8 Places
TEW4994-3
Com. 4
Line
75
Ω 7
120
Ω 8
1
5
2
6
MECHANICAL
ELECTRICAL SPECIFICATIONS
TEW4994
TEW4994-1
TEW4994-2
TEW4994-3


Similar Part No. - TEW4994-2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW4914 FILTRAN-TEW4914 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4914-1 FILTRAN-TEW4914-1 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4921 FILTRAN-TEW4921 Datasheet
52Kb / 1P
   CEPT /T1 Output Transformer
TEW4921-1 FILTRAN-TEW4921-1 Datasheet
52Kb / 1P
   CEPT /T1 Output Transformer
TEW4921-2 FILTRAN-TEW4921-2 Datasheet
52Kb / 1P
   CEPT /T1 Output Transformer
More results

Similar Description - TEW4994-2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW5736 FILTRAN-TEW5736 Datasheet
20Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5376 FILTRAN-TEW5376 Datasheet
27Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5769 FILTRAN-TEW5769 Datasheet
25Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5921 FILTRAN-TEW5921 Datasheet
28Kb / 1P
   T1/CEPT Input/Output Transformer
TEW4596 FILTRAN-TEW4596 Datasheet
21Kb / 1P
   CEPT /T1 Input/Output Transformer
TEW5721 FILTRAN-TEW5721 Datasheet
43Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5314 FILTRAN-TEW5314 Datasheet
34Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW4977 FILTRAN-TEW4977 Datasheet
46Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5915 FILTRAN-TEW5915 Datasheet
34Kb / 1P
   CEPT /T1 Input Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
   CEPT/T1 Input Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com