Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCM8002 Datasheet(PDF) 1 Page - Texas Instruments

Part No. TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8002 Datasheet(HTML) 1 Page - Texas Instruments

  TCM8002 Datasheet HTML 1Page - Texas Instruments TCM8002 Datasheet HTML 2Page - Texas Instruments TCM8002 Datasheet HTML 3Page - Texas Instruments TCM8002 Datasheet HTML 4Page - Texas Instruments TCM8002 Datasheet HTML 5Page - Texas Instruments TCM8002 Datasheet HTML 6Page - Texas Instruments TCM8002 Datasheet HTML 7Page - Texas Instruments TCM8002 Datasheet HTML 8Page - Texas Instruments TCM8002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C – SEPTEMBER 1994 – REVISED JUNE 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single Chip for AMPS/TACS Data and SAT
Processing
D 3.3-V or 5-V Operation
D Simple Serial Interface
D User-Configurable Interrupt Structure
D TX and RX Data Buffers
D Programmable Timer
D Independent Watchdog Timer
D RX/TX Automatic Mute Functions
D Arbitration Processing
D 20 Programmable Expansion I/O Ports
D 44-Pin Mini-QFP FR Package
description
The TCM8002 provides the data transceiving, data processing, and SAT (supervisory audio tone) functions for
the AMPS (advanced mobile phone service) and TACS (total access communications system) cellular
telephone standards. A highly integrated device, the TCM8002 includes a number of additional functions that
are helpful in the implementation of the typical cellular telephone. These extra functions include a watchdog
timer, which is normally external to the telephone microcontroller, and two 8-bit- and one 4-bit-wide
user-programmable general-purpose input/output ports. These can be used to provide port expansion for the
microcontroller. An 8-bit counter/timer for user-defined purposes is also included.
To facilitate the application of the TCM8002 and to minimize the number of connections, a single serial interface
to the microcontroller is used for controlling, receiving, and transmitting data. There is also a dedicated interface,
including a compatible clock signal, to the companion TCM8010 audio processor that performs most of the
audio processing required in a cellular telephone. Additional outputs are also provided for interfacing to other
audio processors.
The TCM8002 is built using a low-power CMOS process and operates with a 5-V or 3.3-V power supply. When
used in conjunction with the TCM8010, a unique and very compact low-power solution for AMPS/TACS
baseband processing in 5-V and 3-V systems is realized.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TCM8002

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TCM8002 TI1-TCM8002 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002IFR TI1-TCM8002IFR Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8002

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
NXP Semiconductors
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
NEC
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
New Japan Radio
New Japan Radio
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
Panasonic Semiconductor
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
   Transmission and reception IC for cellular telephone
List of Unclassifed Manufacturers
List of Unclassifed Man...
FF1842M50-LS72 ETC-FF1842M50-LS72 Datasheet
47Kb / 3P
   1842.50 MHz SAW Filter for cellular telephone
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz